Electronic Components Datasheet Search
  English  ▼

X  

MPM3530 Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MPM3530
Description  55V, 3A, Step-Down Power Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3530 Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MPM3530 Datasheet HTML 12Page - Monolithic Power Systems MPM3530 Datasheet HTML 13Page - Monolithic Power Systems MPM3530 Datasheet HTML 14Page - Monolithic Power Systems MPM3530 Datasheet HTML 15Page - Monolithic Power Systems MPM3530 Datasheet HTML 16Page - Monolithic Power Systems MPM3530 Datasheet HTML 17Page - Monolithic Power Systems MPM3530 Datasheet HTML 18Page - Monolithic Power Systems MPM3530 Datasheet HTML 19Page - Monolithic Power Systems MPM3530 Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
MPM3530
– 55V, 3A, STEP-DOWN POWER MODULE
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MPM3530 Rev. 1.0
www.MonolithicPower.com
20
9/21/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PACKAGE INFORMATION
QFN-47 (10mmx12mmx4mm)
SIDE VIEW
NOTE:
1) ALL DIMENSIONS ARE IN
MILLIMETERS.
2) LEAD COPLANARITY SHALL BE
0.10 MILLIMETERS MAX.
3) JEDEC REFERENCE IS MO-220.
4) DRAWING IS NOT TO SCALE.
PIN 1 ID
MARKING
TOP VIEW
PIN 1 ID
INDEX AREA
RECOMMENDED LAND PATTERN
BOTTOM VIEW
PIN 1 ID
0.40x45° TYP.
0.40x45°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com