Electronic Components Datasheet Search
  English  ▼

X  

AL5815 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AL5815
Description  60V LINEAR LED CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5815 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AL5815 Datasheet HTML 4Page - Diodes Incorporated AL5815 Datasheet HTML 5Page - Diodes Incorporated AL5815 Datasheet HTML 6Page - Diodes Incorporated AL5815 Datasheet HTML 7Page - Diodes Incorporated AL5815 Datasheet HTML 8Page - Diodes Incorporated AL5815 Datasheet HTML 9Page - Diodes Incorporated AL5815 Datasheet HTML 10Page - Diodes Incorporated AL5815 Datasheet HTML 11Page - Diodes Incorporated AL5815 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AL5815/AL5816
Document number: DS39991 Rev. 3 - 2
8 of 12
www.diodes.com
July 2018
© Diodes Incorporated
AL5815/AL5816
Application Information (Cont.)
Multiple LED Strings in Parallel
AL5815 and AL5816 can drive more than one channel of LED strings. As shown in Figure 2, the sense voltage of two channels’ (or more) output
current can be implemented by connecting the voltage of one sense resistor to the FB pin.
By utilizing the same type transistors, sense resistors and series base resistor, the current will match.
Q1
Q2
RS1
RS2
LED1
LED2
Vin
OUT
FB
Figure 2. Two LED Strings in Parallel
The output current can be set as following:
ILED1 = ILED2 =
… = VFB / RS1
Where ILED is the desired LED current, VFB is 0.2V, and RS1 is the sense resistor. To keep ILED the same, transistors Q1 and Q2 should be matched,
and Rs1 and Rs2 should be matched.
ENB/PWM Dimming
The ENB pin can be used for PWM dimming by enabling and disabling the device to turn-on and turn-
off the AL5815’s external transistor. A voltage
higher than 2.0V will turn off OUT signal while a signal lower than 0.4V turns on the external transistor.
Due to the soft-
start delay of the AL5815’s ENB function, only low frequency (200Hz or lower) dimming is supported in this device. The AL5816
does not have a soft start thus its PWM pin can be driven with PWM frequency higher than 200Hz.
Figure 3. PWM Dimming Curve of AL5815
0
10
20
30
40
50
60
70
80
90
100
0
5
10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 85 90 95 100
Duty Cycle [%]
LED Current (%) vs. Duty Cycle by Switching Frequency
VIN=8V, LED Current=200mA, 2 LEDS
200Hz
ideal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com