Electronic Components Datasheet Search
  English  ▼

X  

AL5815 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AL5815
Description  60V LINEAR LED CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5815 Datasheet(HTML) 3 Page - Diodes Incorporated

  AL5815 Datasheet HTML 1Page - Diodes Incorporated AL5815 Datasheet HTML 2Page - Diodes Incorporated AL5815 Datasheet HTML 3Page - Diodes Incorporated AL5815 Datasheet HTML 4Page - Diodes Incorporated AL5815 Datasheet HTML 5Page - Diodes Incorporated AL5815 Datasheet HTML 6Page - Diodes Incorporated AL5815 Datasheet HTML 7Page - Diodes Incorporated AL5815 Datasheet HTML 8Page - Diodes Incorporated AL5815 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AL5815/AL5816
Document number: DS39991 Rev. 3 - 2
3 of 12
www.diodes.com
July 2018
© Diodes Incorporated
AL5815/AL5816
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage Relative to GND
-0.3 to +65
V
IVCC
IC Supply Current
18
mA
VOUT, VFB
OUT, FB Relative to GND
-0.3 to +6
V
VENB
Enable Pin of AL5815 Relative to GND
-0.3 to +6
V
VPWM
PWM Pin of AL5816 Relative to GND
-0.3 to VCC
V
TA
Operating Ambient Temperature
-40 to +125
°C
TJ
Operating Junction Temperature
-40 to +150
°C
TST
Storage Temperature
-55 to +150
°C
Note:
4. Stresses greater than the Absolute Maximum Ratings specified above may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at conditions between maximum recommended operating conditions and absolute maximum ratings is not implied. Device
reliability may be affected by exposure to absolute maximum rating conditions for extended periods of time.
ESD Ratings
Symbol
Parameter
Rating
Unit
VESD
Human-Body Model (HBM)
2000
V
Charged-Device Model(CDM)
1000
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage Range Relative to GND Pin
4.5
60
V
VOUT
OUT Voltage Range
0
4
V
IOUT
OUT Pin Current
0
15
mA
TA
Operating Ambient Temperature
-40
+105
°C
TJ
Operating Junction Temperature
-40
+125
°C
VIH(AL5815)
High-Level Input Voltage on ENB
2.5
5.5
V
VIL (AL5815)
Low-Level Input Voltage on ENB
0
0.3
V
VIH(AL5816)
High-Level Input Voltage on PWM
2.7
VCC
V
VIL(AL5816)
Low-Level Input Voltage on PWM
0
2.3
V
Thermal Information (Note 5)
Symbol
Parameter
Rating
Unit
θJA
Junction-To-Ambient Thermal Resistance
134
°C/W
θJC
Junction-To-Case(Top) Thermal Resistance
27
°C/W
Note:
5.
Device mounted on 1’’x1’’ FR-4 MRP substrate PC board, 2oz cooper, with minimum recommended pad layout. No thermal via and no ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com