Electronic Components Datasheet Search
  English  ▼

X  

AL5815 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL5815
Description  60V LINEAR LED CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5815 Datasheet(HTML) 2 Page - Diodes Incorporated

  AL5815 Datasheet HTML 1Page - Diodes Incorporated AL5815 Datasheet HTML 2Page - Diodes Incorporated AL5815 Datasheet HTML 3Page - Diodes Incorporated AL5815 Datasheet HTML 4Page - Diodes Incorporated AL5815 Datasheet HTML 5Page - Diodes Incorporated AL5815 Datasheet HTML 6Page - Diodes Incorporated AL5815 Datasheet HTML 7Page - Diodes Incorporated AL5815 Datasheet HTML 8Page - Diodes Incorporated AL5815 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AL5815/AL5816
Document number: DS39991 Rev. 3 - 2
2 of 12
www.diodes.com
July 2018
© Diodes Incorporated
AL5815/AL5816
Typical Applications Circuit
VCC
ENB
GND
OUT
FB
Q1
RS
C1
0.1µF
AL5815
GND
VIN
C2
10µF
OFF
ON
VCC
ENB
GND
OUT
FB
Q1
RS
C1
0.1µF
AL5815
GND
VIN
C2
10µF
OFF
ON
VCC
PWM
GND
OUT
FB
Q1
RS
C1
0.1µF
AL5816
GND
VIN
C2
10µF
VCC
PWM
GND
OUT
FB
Q1
RS
C1
0.1µF
AL5816
GND
VIN
C2
10µF
Pin Descriptions
Pin Number
Pin Name
Function
1
ENB (AL5815)
Chip Enable, Active Low (Can be Used for Low Frequency Dimming)
PWM (AL5816)
PWM Signal for High Frequency Dimming of the LED
2
GND
Ground
3
FB
Feedback Input, Regulates to 200mV Nominal
4
OUT
Driving Output to External Transistors
5
VCC
Input Supply Power
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com