Electronic Components Datasheet Search
  English  ▼

X  

TMP451 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMP451
Description  짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP451 Datasheet(HTML) 3 Page - Texas Instruments

  TMP451 Datasheet HTML 1Page - Texas Instruments TMP451 Datasheet HTML 2Page - Texas Instruments TMP451 Datasheet HTML 3Page - Texas Instruments TMP451 Datasheet HTML 4Page - Texas Instruments TMP451 Datasheet HTML 5Page - Texas Instruments TMP451 Datasheet HTML 6Page - Texas Instruments TMP451 Datasheet HTML 7Page - Texas Instruments TMP451 Datasheet HTML 8Page - Texas Instruments TMP451 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
SCL
ALERTTHERM2
/
SDA
GND
6
7
8
5
4
V+
D+
D
-
THERM
1
2
3
3
TMP451-Q1
www.ti.com
SLOS877A – OCTOBER 2014 – REVISED JANUARY 2019
Product Folder Links: TMP451-Q1
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
5 Pin Configuration and Functions
DQF Package
8-Pin WSON
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
ALERT/THERM2
6
Digital output
Interrupt or SMBus alert output. Can be configured as a second THERM output. Open-drain; requires
pullup resistor to voltage between 1.7 V and 3.6 V.
D–
3
Analog input
Negative connection to remote temperature sensor.
D+
2
Analog input
Positive connection to remote temperature sensor.
GND
5
Ground
Supply ground connection.
SCL
8
Digital input
Serial clock line for SMBus. Input; requires pullup resistor to voltage between 1.7 V and 3.6 V if driven
by open-drain output.
SDA
7
Bidirectional digital
input-output
Serial data line for SMBus. Open-drain; requires pullup resistor to voltage between 1.7 V and 3.6 V.
THERM
4
Digital output
Thermal shutdown or fan-control pin. Open-drain; requires pullup resistor to voltage between 1.7 V and
3.6 V.
V+
1
Power supply
Positive supply voltage, 1.7 V to 3.6 V.
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
6 Specifications
6.1 Absolute Maximum Ratings
Over operating free-air temperature range, unless otherwise noted.
(1)
MIN
MAX
UNIT
Power supply
V+
–0.3
3.6
V
Input voltage
THERM, ALERT/THERM2, SDA and SCL only
–0.3
3.6
V
D+ only
–0.3
(V+) + 0.3
V
D– only
–0.3
0.3
V
Input current
10
mA
Operating temperature
–55
127
°C
Junction temperature (TJmax)
150
°C
Storage temperature, Tstg
–60
150
°C
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per AEC Q100-002(1)
HBM ESD Classification Level 2
±2000
V
Charged device model (CDM), per AEC Q100-011
CDM ESD Classification Level C4B
Corner pins (1, 4, 5,
and 8)
±750
Other pins
±500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com