Electronic Components Datasheet Search
  English  ▼

X  

TMP451 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMP451
Description  짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP451 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP451 Datasheet HTML 7Page - Texas Instruments TMP451 Datasheet HTML 8Page - Texas Instruments TMP451 Datasheet HTML 9Page - Texas Instruments TMP451 Datasheet HTML 10Page - Texas Instruments TMP451 Datasheet HTML 11Page - Texas Instruments TMP451 Datasheet HTML 12Page - Texas Instruments TMP451 Datasheet HTML 13Page - Texas Instruments TMP451 Datasheet HTML 14Page - Texas Instruments TMP451 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Samples
Disabled
Level1
Level2
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Samples
Disabled
Level1
Level2
Impulse Response
Step response
11
TMP451-Q1
www.ti.com
SLOS877A – OCTOBER 2014 – REVISED JANUARY 2019
Product Folder Links: TMP451-Q1
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
Additionally, a digital filter is available for the remote temperature measurements to further reduce the effect of
noise. This filter is programmable and has two levels when enabled. Level 1 performs a moving average of four
consecutive samples. Level 2 performs a moving average of eight consecutive samples. The value stored in the
remote temperature result register is the output of the digital filter, and the ALERT and THERM limits are
compared to it. This provides additional immunity to noise and spikes on the ALERT and THERM outputs. The
filter responses are shown in Figure 12. The filter can be enabled or disabled by programming the desired levels
in the digital filter register. The digital filter is disabled by default and on POR.
Figure 12. Filter Response to Impulse and Step Inputs
7.3.5 Sensor Fault
The TMP451-Q1 device can sense a fault at the D+ input resulting from incorrect diode connection. The
TMP451-Q1 device can also sense an open circuit. Short-circuit conditions return a value of –64°C. The
detection circuitry consists of a voltage comparator that trips when the voltage at D+ exceeds (V+) – 0.3 V
(typical). The comparator output is continuously checked during a conversion. If a fault is detected, then OPEN
(bit 2) in the status register is set to 1.
When not using the remote sensor with the TMP451-Q1 device, the D+ and D– inputs must be connected
together to prevent meaningless fault warnings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com