Electronic Components Datasheet Search
  English  ▼

X  

TMP451 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMP451
Description  짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP451 Datasheet(HTML) 5 Page - Texas Instruments

  TMP451 Datasheet HTML 1Page - Texas Instruments TMP451 Datasheet HTML 2Page - Texas Instruments TMP451 Datasheet HTML 3Page - Texas Instruments TMP451 Datasheet HTML 4Page - Texas Instruments TMP451 Datasheet HTML 5Page - Texas Instruments TMP451 Datasheet HTML 6Page - Texas Instruments TMP451 Datasheet HTML 7Page - Texas Instruments TMP451 Datasheet HTML 8Page - Texas Instruments TMP451 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
SCL
SDA
t
(LOW)
t
R
t
F
t
(HDSTA)
t
(HDSTA)
t
(HDDAT)
t
(BUF)
t
(SUDAT)
t
(HIGH)
t
(SUSTA)
t
(SUSTO)
P
S
S
P
5
TMP451-Q1
www.ti.com
SLOS877A – OCTOBER 2014 – REVISED JANUARY 2019
Product Folder Links: TMP451-Q1
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
Electrical Characteristics (continued)
At TA = –40°C to 125°C and V+ = 3.3 V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
V(V+)
Specified voltage range
1.7
3.6
V
IQ
Quiescent current
0.0625 conversions per second
27
40
μA
16 conversions per second
165
250
μA
32 conversions per second
300
450
μA
Serial bus inactive, shutdown mode
3
8
μA
Serial bus active, ƒS = 400 kHz, shutdown mode
90
μA
Serial bus active, ƒS = 2.5 MHz, shutdown mode
350
μA
POR
Power-on reset threshold
1.2
1.55
V
6.6 Timing Characteristics for Figure 1
PARAMETER
FAST MODE
HIGH-SPEED MODE
UNIT
MIN
MAX
MIN
MAX
ƒ(SCL)
SCL operating frequency
0.001
0.4
0.001
2.5
MHz
t(BUF)
Bus free time between STOP and START Condition
1300
260
ns
t(HDSTA)
Hold time after repeated START condition. After this period, the first clock is
generated.
600
160
ns
t(SUSTA)
Repeated START condition setup time
600
160
ns
t(SUSTO)
STOP condition setup time
600
160
ns
t(HDDAT)
Data hold time
0
900
0
150
ns
t(SUDAT)
Data setup time
100
30
ns
t(LOW)
SCL clock LOW period
1300
260
ns
t(HIGH)
SCL clock HIGH period
600
60
ns
tF, tR – SDA
Data fall and rise time
300
80
ns
tF, tR – SCL
Clock fall and rise time
300
40
ns
tR
Rise time for SCL
≤ 100 kHz
1000
ns
Figure 1. Two-Wire Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com