| Electronic Components Datasheet Search |
|
AX88178L Datasheet(PDF) 14 Page - ASIX Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
AX88178L Datasheet(HTML) 14 Page - ASIX Electronics Corporation |
|
14 / 35 page ![]() ASIX ELECTRONICS CORPORATION 14 AX88178 L USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller 6.0 USB Commands There are three command groups for Endpoint 0 (Control Endpoint) in AX88178: The USB standard commands The USB vendor commands The USB Communication Class commands 6.1 USB Standard Commands The Language ID is 0x0904 for English PPLL means buffer length CC means configuration number I I means Interface number AA means Device Address Setup Command Data Bytes Access Type Description 8006_00 01 00 00 LLPP PPLL bytes in Data stage Read Get Device Descriptor 8006_0002 0000_LLPP PPLL bytes in Data stage Read Get Configuration Descriptor 8006_0003_0000_LLPP PPLL bytes in Data stage Read Get Supported Language ID 8006_0103_0904_LLPP PPLL bytes in Data stage Read Get Manufacture String 8006_0203_0904_LLPP PPLL bytes in Data stage Read Get Product String 8006_0303_0904_LLPP PPLL bytes in Data stage Read Get Serial Number String 8006_0403_0904_LLPP PPLL bytes in Data stage Read Get Configuration String 8006_0503_0904_LLPP PPLL bytes in Data stage Read Get Interface 0 String 8006_0603_0904_LLPP PPLL bytes in Data stage Read Get Interface 1/0 String 8006_0703_0904_LLPP PPLL bytes in Data stage Read Get Interface 1/1 String 8008_0000_0000_0100 1 bytes in Data stage Read Get Configuration 0009_CC00_0000_0000 No data in Data stage Write Set Configuration 810A_0000 _I I00_0100 1 bytes in Data stage Read Get Interface 010B_AS00_0000_0000 No data in Data stage Write Set Interface 0005_AA00_0000_0000 No data in Data stage Write Set Address Table 3: USB Standard Command Register Map |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |