Electronic Components Datasheet Search
  English  ▼

X  

AX88178L Datasheet(PDF) 26 Page - ASIX Electronics Corporation

Part # AX88178L
Description  USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88178L Datasheet(HTML) 26 Page - ASIX Electronics Corporation

Back Button AX88178L Datasheet HTML 22Page - ASIX Electronics Corporation AX88178L Datasheet HTML 23Page - ASIX Electronics Corporation AX88178L Datasheet HTML 24Page - ASIX Electronics Corporation AX88178L Datasheet HTML 25Page - ASIX Electronics Corporation AX88178L Datasheet HTML 26Page - ASIX Electronics Corporation AX88178L Datasheet HTML 27Page - ASIX Electronics Corporation AX88178L Datasheet HTML 28Page - ASIX Electronics Corporation AX88178L Datasheet HTML 29Page - ASIX Electronics Corporation AX88178L Datasheet HTML 30Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
ASIX ELECTRONICS CORPORATION
26
AX88178 L
USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
Note: The capacitance listed above does not include pad capacitance and package capacitance. One can estimate pin
capacitance by adding a pad capacitance of about 0.5pF and the package capacitance.
7.1.4
DC Characteristics of 2.5V I/O Pins
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VDD2
Power supply of 2.5V I/O
2.25
2.5
2.75
V
Temp
Junction temperature
0
25
115
℃
Vil
Input low voltage
-
-
0.7
V
Vih
Input high voltage
CMOS
1.7
-
-
V
Vt-
Schmitt
trigger
negative
going
threshold voltage
0.7
1.0
-
V
Vt+
Schmitt
trigger
positive
going
threshold voltage
CMOS
-
1.5
1.7
V
Vol
Output low voltage
|Iol| = 2~16mA
-
-
0.4
V
Voh
Output high voltage
|Ioh| = 2~16mA
1.85
-
-
V
Rpu
Input pull-up resistance
40
75
190
KΩ
Rpd
Input pull-down resistance
40
75
190
KΩ
Iin
Input leakage current
Vin = VDD2 or 0
-10
±1
10
μA
Ioz
Tri-state output leakage current
-10
±1
10
μA
7.1.5
DC Characteristics of 3.3V I/O Pins
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VDD3
Power supply of 3.3V I/O
3.3V I/O
3.0
3.3
3.6
V
Temp
Junction temperature
0
25
115
℃
Vil
Input low voltage
-
-
0.8
V
Vih
Input high voltage
LVTTL
2.0
-
-
V
Vt-
Schmitt
trigger
negative
going
threshold voltage
0.8
1.1
-
V
Vt+
Schmitt
trigger
positive
going
threshold voltage
LVTTL
-
1.6
2.0
V
Vol
Output low voltage
|Iol| = 2~16mA
-
-
0.4
V
Voh
Output high voltage
|Ioh| = 2~16mA
2.4
-
-
V
Rpu
Input pull-up resistance
40
75
190
KΩ
Rpd
Input pull-down resistance
40
75
190
KΩ
Iin
Input leakage current
Vin = VDD3 or 0
-10
±1
10
μA
Ioz
Tri-state output leakage current
-10
±1
10
μA
7.2 Power Consumption
Symbol
Description
Condition
Min
Typ
Max Units
IVDDK2
Current consumption of VDDK/VDD2,
2.5V
-
48.3
-
mA
IVDD3
Current consumption of VDD3, 3.3V
-
< 1
-
mA
IAVDDK
Current consumption of AVDDK, 2.5V
-
< 2
-
mA
IAVDD3
Current consumption of AVDD3, 3.3V
Operating at Ethernet
1000Mbps full duplex
mode and USB High
speed mode
-
51.1
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com