Electronic Components Datasheet Search
  English  ▼

X  

AX88178L Datasheet(PDF) 15 Page - ASIX Electronics Corporation

Part # AX88178L
Description  USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88178L Datasheet(HTML) 15 Page - ASIX Electronics Corporation

Back Button AX88178L Datasheet HTML 11Page - ASIX Electronics Corporation AX88178L Datasheet HTML 12Page - ASIX Electronics Corporation AX88178L Datasheet HTML 13Page - ASIX Electronics Corporation AX88178L Datasheet HTML 14Page - ASIX Electronics Corporation AX88178L Datasheet HTML 15Page - ASIX Electronics Corporation AX88178L Datasheet HTML 16Page - ASIX Electronics Corporation AX88178L Datasheet HTML 17Page - ASIX Electronics Corporation AX88178L Datasheet HTML 18Page - ASIX Electronics Corporation AX88178L Datasheet HTML 19Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
ASIX ELECTRONICS CORPORATION
15
AX88178 L
USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
6.2 USB Vendor Commands
No
Setup Command
Data Bytes
Access
Type
Description
1.
C002_AA0B_0C00_0800
8 bytes in Data stage
Read Rx/Tx SRAM Read Register
2.
4003_AA0B_0C00_0800
8 bytes in Data stage
Write Rx/Tx SRAM Write Register
3.
4006_0000_0000_0000
No data in Data stage
Write Software Serial Management Control
Register
4.
C007_ AA00_CC00_0200
2 bytes in Data stage
Read PHY Read Register
5.
4008 _AA00_CC00_0200
2 bytes in Data stage
Write PHY Write Register
6.
C009_0000_0000_0100
1 bytes in Data stage
Read Serial Management Status Register
7.
400A_0000_0000_0000
No data in Data stage
Write Hardware Serial Management Control
Register
8.
C00B_AA00_0000_0200
2 bytes in Data stage
Read SROM Read Register
9.
400C_AA00_CCDD_0000
No data in Data stage
Write SROM Write Register
10. 400D_0000_0000_0000
No data in Data stage
Write SROM Write Enable Register
11. 400E_0000_0000_0000
No data in Data stage
Write SROM Write Disable Register
12. C00F_0000_0000_0200
2 bytes in Data stage
Read Rx Control Register
13. 4010_AABB_0000_0000
No data in Data stage
Write Rx Control Register
14. C011_0000_0000_0300
3 bytes in Data stage
Read IPG/IPG1/IPG2 Register
15. 4012_AABB_CC00_0000
No data in Data stage
Write IPG/IPG1/IPG2 Register
16. C013_0000_0000_0600
6 bytes in Data stage
Read Node ID Register
17. 4014_0000_0000_0600
6 bytes in Data stage
Write Node ID Register
18. C015_0000_0000_0800
8 bytes, MA0~MA7, in
Data stage
Read Multicast Filter Array Register
19. 4016_0000_0000_0800
8 bytes, MA0~MA7, in
Data stage
Write Multicast Filter Array Register
20. 4017_AA00_0000_0000
No data in Data stage
Write Test Register
21. C019_0000_0000_0200
2 bytes in Data stage
Read Ethernet/HomePNA Phy Address
Register
22. C01A_0000_0000_0200
2 bytes in Data stage
Read Medium Status Register
23. 401B_AABB_0000 _0000
No data in Data stage
Write Medium Mode Register
24. C01C_0000_0000_0100
1bytes in Data stage
Read Monitor Mode Status Register
25. 401D_AA00_0000_0000
No data in Data stage
Write Monitor Mode Register
26. C01E _0000_0000_0100
1 bytes in Data stage
Read GPIOs Status Register
27. 401F_AA00_0000_0000
No data in Data stage
Write GPIOs Register
28. 4020_AA00_0000_0000
No data in Data stage
Write Software Reset Register
Table 4: USB Vendor Command Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com