Electronic Components Datasheet Search
  English  ▼

X  

NP503 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # NP503
Description  Power Modules Passivated Assembled Circuit Elements
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

NP503 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  NP503 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd NP503 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd NP503 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd NP503 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd NP503 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd NP503 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd NP503 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Power Modules
Available
RoHS*
COMPLIANT
FEATURES
DESCRIPTION
Available up to 1600 V
/V
RRM
DRM
Wide choice of circuit configurations
The
NP500 series of integrated power circuits consists of
power thyristors and power diodes configured in a single
package. With its isolating base plate, mechanical designs
are greatly simplified giving advantages of cost reduction
and reduced size.
Simplified mechanical design and assembly
MAJOR RATINGS AND CHARACTERISTICS
A
A
2
A s
50
576
1510
1380
SYMBOL
lO
lTSM,
lFSM
2
l t
Range
PRODUCT SUMMARY
lO
Type
Package
Circuit
50A
Modules - Thyristor,Standard
PACE-PAK (D-19 modified)
Single phase, hybrid bridge common cathode,
UNIT
VALUE
CHARACTERISTICS
www.nellsemi.com
Page 1 of 7
Passivated Assembled Circuit Elements, 50A
Glass passivated junctions for greater reliability
Electrically isolated base plate
PACE-PAK (D-19 Modified)
High dynamic characteristics
UL approved file E320098
Single phase, hybrid bridge doubler connection,
Single phase, all SCR bridge
VRRM
VISOL
TJ
Tstg
2
l √t
80°C
50 Hz
60 Hz
50 Hz
60 Hz
550
15125
400 to 1600
2500
-40 to 125
°C
V
V
2
A √t
NP500 Series RoHS
RoHS
Nell High Power Products
Applications include power supplies, control circuits and
battery chargers.


Similar Part No. - NP503

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
NP503 SHUNYE-NP503 Datasheet
235Kb / 2P
1/2 PRESS-FIT STRAIGHT LEAD DIODES
logo
NIHON DEMPA KOGYO
NP5032S NDK-NP5032S Datasheet
616Kb / 2P
Base-stations, GbEthernet, Optical transmission device, and Server
NP5032S NDK-NP5032S Datasheet
599Kb / 2P
Multi Mode Simple Packaged Crystal Oscillator
NP5032SA NDK-NP5032SA Datasheet
635Kb / 2P
Simple Packaged Crystal Oscillator (SPXO)
NP5032SA NDK-NP5032SA Datasheet
601Kb / 1P
Simple Packaged Crystal Oscillator
More results

Similar Description - NP503

ManufacturerPart #DatasheetDescription
logo
International Rectifier
P400 IRF-P400 Datasheet
90Kb / 7P
PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
VS-P105W IRF-VS-P105W Datasheet
86Kb / 7P
PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
logo
Vishay Siliconix
VS-P101 VISHAY-VS-P101 Datasheet
199Kb / 9P
Power Modules, Passivated Assembled Circuit Elements
27-Mar-14
VS-P401 VISHAY-VS-P401 Datasheet
143Kb / 9P
Power Modules, Passivated Assembled Circuit Elements
27-Mar-14
VS-P100 VISHAY-VS-P100 Datasheet
198Kb / 8P
Power Modules, Passivated Assembled Circuit Elements, 25 A
27-Mar-14
VS-P400 VISHAY-VS-P400 Datasheet
141Kb / 8P
Power Modules, Passivated Assembled Circuit Elements, 40 A
27-Mar-14
VS-P100 VISHAY-VS-P100_V01 Datasheet
192Kb / 8P
Power Modules, Passivated Assembled Circuit Elements, 25 A
27-Jul-2018
VS-P400 VISHAY-VS-P400_V01 Datasheet
136Kb / 8P
Power Modules, Passivated Assembled Circuit Elements, 40 A
27-Jul-2018
VS-P100 VISHAY-VS-P100_V02 Datasheet
191Kb / 8P
Power Modules, Passivated Assembled Circuit Elements, 25 A
27-Jul-2018
VS-P400 VISHAY-VS-P400_V02 Datasheet
136Kb / 8P
Power Modules, Passivated Assembled Circuit Elements, 40 A
27-Jul-2018
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com