Electronic Components Datasheet Search
  English  ▼

X  

AD74111 Datasheet(PDF) 5 Page - Analog Devices

Part # AD74111
Description  Low Cost, Low Power Mono Audio Codec
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD74111 Datasheet(HTML) 5 Page - Analog Devices

  AD74111 Datasheet HTML 1Page - Analog Devices AD74111 Datasheet HTML 2Page - Analog Devices AD74111 Datasheet HTML 3Page - Analog Devices AD74111 Datasheet HTML 4Page - Analog Devices AD74111 Datasheet HTML 5Page - Analog Devices AD74111 Datasheet HTML 6Page - Analog Devices AD74111 Datasheet HTML 7Page - Analog Devices AD74111 Datasheet HTML 8Page - Analog Devices AD74111 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. 0
AD74111
–5–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD74111 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
*
(TA = 25
°C, unless otherwise noted.)
AVDD, DVDD2 to AGND, DGND . . . . . . . –0.3 V to +3.0 V
DVDD1 to AGND, DGND . . . . . . . . . . . . . –0.3 V to +4.5 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
Digital I/O Voltage to DGND . . . . . . –0.3 V to DVDD1 + 0.3 V
Operating Temperature Range
Automotive (Y Version) . . . . . . . . . . . . . . –40
°C to +105°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
16-Lead TSSOP,
θ
JA Thermal Impedance . . . . . . . . 150.4
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
TEMPERATURE RANGE
Parameter
Min
Max
Unit
Specifications Guaranteed
–40
+105
ºC
Storage
–65
+150
ºC
ORDERING GUIDE
Model
Range
Package
AD74111YRU
–40ºC to +105ºC
RU-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com