Electronic Components Datasheet Search
  English  ▼

X  

AD74111 Datasheet(PDF) 1 Page - Analog Devices

Part # AD74111
Description  Low Cost, Low Power Mono Audio Codec
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD74111 Datasheet(HTML) 1 Page - Analog Devices

  AD74111 Datasheet HTML 1Page - Analog Devices AD74111 Datasheet HTML 2Page - Analog Devices AD74111 Datasheet HTML 3Page - Analog Devices AD74111 Datasheet HTML 4Page - Analog Devices AD74111 Datasheet HTML 5Page - Analog Devices AD74111 Datasheet HTML 6Page - Analog Devices AD74111 Datasheet HTML 7Page - Analog Devices AD74111 Datasheet HTML 8Page - Analog Devices AD74111 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
AD74111
Low Cost, Low Power
Mono Audio Codec
FEATURES
2.5 V Mono Audio Codec with 3.3 V Tolerant
Digital Interface
Supports 8 kHz to 48 kHz Sample Rates
Supports 16-/20-/24-Bit Word Lengths
Multibit
-
Modulators with
“Perfect Differential Linearity Restoration” for
Reduced Idle Tones and Noise Floor
Data Directed Scrambling DAC – Least Sensitive to Jitter
Performance (20 Hz to 20 kHz)
85 dB ADC Dynamic Range
93 dB DAC Dynamic Range
Programmable ADC Gain
On-Chip Volume Control for DAC Channel
Software Controllable Clickless Mute
Supports 256
fS, 512
fS, and 768
fS Master Mode
Clocks
Master Clock Prescaler for Use with DSP Master Clocks
On-Chip Reference
16-Lead TSSOP Package
APPLICATIONS
Digital Video Camcorders (DVC)
Portable Audio Devices (Walkman®, PDAs, and so on)
Audio Processing
Voice Processing
Telematic Systems
General-Purpose Analog I/O
FUNCTIONAL BLOCK DIAGRAM
GAIN
STAGE
DIGITAL
FILTER
ADC
VIN
CAPP
CAPN
DVDD2
AVDD
DVDD1
DAC CHANNEL
VOLUME
CONTROL
DIGITAL
FILTER
VOUT
AGND
REFCAP
DIN
DOUT
DFS
DCLK
DGND
MCLK
RESET
-
DAC
MODULATOR
-
MODULATOR
SERIAL
DATA
PORT
REFERENCE
GENERAL DESCRIPTION
The AD74111 is a front-end processor for general-purpose audio
and voice applications. It features a multibit - A/D conversion
channel and a multibit
-
D/A conversion channel. The ADC
channel provides >67 dB THD+N and the DAC channel pro-
vides >88 dB THD+N, both over an audio signal bandwidth.
The AD74111 is particularly suitable for a variety of applications
where mono input and output channels are required, including
audio sections of digital video camcorders, portable personal
audio devices, and telematic applications. Its high quality
performance also makes it suitable for speech and telephony
applications such as speech recognition and synthesis, and modern
feature phones.
An on-chip reference voltage is included but can be powered
down and bypassed by an external reference source if required.
The AD74111 offers sampling rates that, depending on MCLK
selection and MCLK divider ratio, range from 8 kHz in the
voiceband range to 48 kHz in the audio range.
The AD74111 is available in a 16-lead TSSOP package option
and is specified for the automotive temperature range of –40
°C
to +105
°C.


Similar Part No. - AD74111

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD74111 AD-AD74111 Datasheet
214Kb / 20P
Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
214Kb / 20P
Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
282Kb / 21P
Low Cost, Low Power Mono Audio Codec
Rev. 0
AD74111YRU AD-AD74111YRU Datasheet
214Kb / 20P
Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111YRU AD-AD74111YRU Datasheet
350Kb / 20P
Low Cost, Low Power Mono Audio Codec
REV. 0
More results

Similar Description - AD74111

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD74111YRUZ-REEL AD-AD74111YRUZ-REEL Datasheet
214Kb / 20P
Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111YRUZ AD-AD74111YRUZ Datasheet
214Kb / 20P
Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111YRUZ AD-AD74111YRUZ Datasheet
350Kb / 20P
Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111_15 Datasheet
350Kb / 20P
Low Cost, Low Power Mono Audio Codec
REV. 0
logo
Texas Instruments
TLV320AIC3109-Q1 TI1-TLV320AIC3109-Q1 Datasheet
909Kb / 111P
Automotive, Low-Power, 96-kHz, Mono Audio Codec
logo
Analog Devices
AD74111 AD-AD74111_17 Datasheet
282Kb / 21P
Low Cost, Low Power Mono Audio Codec
Rev. 0
logo
Suzhou Everest Semicond...
ES8374 EVEREST-ES8374 Datasheet
696Kb / 11P
Low Power Mono Audio CODEC
ES8311 EVEREST-ES8311 Datasheet
556Kb / 12P
Low Power Mono Audio CODEC
logo
Shenzhen X-Powers Techn...
AC102 XPOWER-AC102 Datasheet
462Kb / 2P
High Performance and Low Power Mono Audio CODEC
logo
Suzhou Everest Semicond...
ES8312 EVEREST-ES8312 Datasheet
570Kb / 12P
Low Power Mono Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com