Electronic Components Datasheet Search
  English  ▼

X  

MSM548333 Datasheet(PDF) 21 Page - OKI electronic componets

Part # MSM548333
Description  240,384-Word x 8-bit 240,384-Word x 4-bit Triple Port type Field Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM548333 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button MSM548333 Datasheet HTML 17Page - OKI electronic componets MSM548333 Datasheet HTML 18Page - OKI electronic componets MSM548333 Datasheet HTML 19Page - OKI electronic componets MSM548333 Datasheet HTML 20Page - OKI electronic componets MSM548333 Datasheet HTML 21Page - OKI electronic componets MSM548333 Datasheet HTML 22Page - OKI electronic componets MSM548333 Datasheet HTML 23Page - OKI electronic componets MSM548333 Datasheet HTML 24Page - OKI electronic componets MSM548333 Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
¡ Semiconductor
MSM548333
21/42
AC Characteristics (3/4)
Unit
ns
Max.
—
Min.
7
Symbol
tRRXH2
Parameter
RCLKC2 Cycle Time
ns
7
tRRXDH2
RCLKC2 "H" Pulse Width
ns
7
tRRXDS2
RCLKC2 "L" Pulse Width
ns
30
tRCLKY
REY2/RY-RCLK Active Setup Time
ns
12
tWRCLHY
REY2/RY-RCLK Active Hold Time
ns
12
tWRCLLY
REY2/RY-RCLK Inactive Hold Time
ns
5
tRRYSY2
REY2/RY-RCLK Inactive Setup Time
ns
7
tRRYHY2
ns
7
tRRYDHY2
ns
7
tRRYDSY2
ns
5
tRESY2
ns
tACY2
tREHY2
ns
7
tREDHY2
ns
7
tREDSY2
ns
5000
tSREY2
ns
15
tOHY2
ns
30
—
tACY2
Y2 Read Port Output Instruction Setup Time
ns
—
20
tOHZY2
Y2 Read Port Output Instruction Hold Time
ns
30
tWRCLHC
Y2 Read Port Output Instruction Inactive Hold Time
ns
12
tWRCLLC
Y2 Read Port Output Instruction Inactive Setup Time
ns
12
tRRYSC2
Y2 Read Port Enable Time
ns
5
tRRYHC2
Y2 Read Port Read Data Hold Time
ns
7
tRRYDHC2
Y2 Output Access Time
ns
7
tRRYDSC2
Y2 Data Output Turn Off Delay Time
ns
7
tRESC2
ns
5
tREHC2
ns
tACC2
tREDHC2
ns
7
tREDSC2
ns
7
tSREC2
ns
5000
tOHC2
ns
15
tACC2
ns
30
—
tOHZC2
ns
—
20
tRAS1
ns
5
tRAH1
ns
7
tRADH1
ns
7
ns
7
tRADS1
RADE2/RX-RCLK Active Hold Time
ns
5
tRXAS1
RADE2/RX-RCLK Inactive Hold Time
ns
7
tRXAH1
RADE2/RX-RCLK Inactive Setup Time
Measurement Conditions: (VCC = 3.3 V ±0.3 V, Ta = 0 to 70°C)
RCLKY2 Cycle Time
RCLKY2 "H" Pulse Width
RCLKY2 "L" Pulse Width
REC2/RY-RCLK Active Setup Time
REC2/RY-RCLK Active Hold Time
REC2/RY-RCLK Inactive Hold Time
REC2/RY-RCLK Inactive Setup Time
C2 Read Port Output Instruction Setup Time
C2 Read Port Output Instruction Hold Time
C2 Read Port Output Instruction Inactive Hold Time
C2 Read Port Output Instruction Inactive Setup Time
C2 Read Port Enable Time
C2 Read Port Read Data Hold Time
C2 Output Access Time
C2 Data Output Turn Off Delay Time
Y1 and C1 Serial Read Address Input Active Setup Time
Y1 and C1 Serial Read Address Input Active Hold Time
Y1 and C1 Serial Read Address Input Inactive Hold Time
Y1 and C1 Serial Read Address Input Inactive Setup Time
Y1 and C1 Serial Read X Address Setup Time
Y1 and C1 Serial Read X Address Hold Time
tRCLKC
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com