Electronic Components Datasheet Search
  English  ▼

X  

MSM548333 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM548333
Description  240,384-Word x 8-bit 240,384-Word x 4-bit Triple Port type Field Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM548333 Datasheet(HTML) 4 Page - OKI electronic componets

  MSM548333 Datasheet HTML 1Page - OKI electronic componets MSM548333 Datasheet HTML 2Page - OKI electronic componets MSM548333 Datasheet HTML 3Page - OKI electronic componets MSM548333 Datasheet HTML 4Page - OKI electronic componets MSM548333 Datasheet HTML 5Page - OKI electronic componets MSM548333 Datasheet HTML 6Page - OKI electronic componets MSM548333 Datasheet HTML 7Page - OKI electronic componets MSM548333 Datasheet HTML 8Page - OKI electronic componets MSM548333 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
¡ Semiconductor
MSM548333
4/42
Pin Name
Serial Read/Write Cycle
Address Setting Cycle
Function
RCLK
Y1 and C1 Read Ports, Serial Read Clock
Y1, C1, Y2 and C2 Read Ports
RE1/RY
Y1 and C1 Read Ports, Read Enable
Y1 and C1 Read Ports, Y Address Reset
DOY1/0 - 7
Y1 Read Port, Data Output
—
DOC1/0 - 3
C1 Read Port, Data Output
—
RR1/TR
—
Y1 and C1 Read Ports, Address Reset Mode Enable
RXINC1
—
Y1 and C1 Read Ports, X Address Increment
RADE1/RX
—
Y1 and C1 Read Ports, X and Y Address Input Enable
Y1 and C1 Read Ports, X Address Reset
RXAD1
—
Y1 and C1 Read Ports, X Serial Address Data
RYAD1
—
Y1 and C1 Read Ports, Y Serial Address Data
RR2/TR
—
Y2 and C2 Read Ports, Address Reset Mode Enable
RXINC2
—
Y2 and C2 Read Ports, X Address Increment
RADE2/RX
—
Y2 and C2 Read Ports, X and Y Address Input Enable
Y2 and C2 Read Ports, X Address Reset
RXAD2
—
Y2 and C2 Read Ports, X Serial Address Data
RYADY2
—
Y2 Read Port, Y Serial Address Data
RCLKY2
Y2 Read Port, Serial Read Clock
—
REY2/RY
Y2 Read Port, Read Enable
Y2 Read Port, Y Address Reset
DOY2/0 - 7
Y2 Read Port, Data Output
—
RYADC2
—
C2 Read Port, Y Serial Address Data
RCLKC2
C2 Read Port, Serial Read Clock
—
REC2/RY
C2 Read Port, Read Enable
C2 Read Port, Y Address Reset
DOC2/0 - 3
C2 Read Port, Data Output
—
WCLK
Y and C Write Ports, Serial Write Clock
Y and C Write Ports, X and Y Serial Address Strobes
WE/WY
Y and C Write Ports, Write Enable
Y and C Write Ports, Y Address Reset
DINY/0 - 7
Y Write Port, Input Data
—
DINC/0 - 3
C Write Port, Input Data
WR/TR
Y and C Write Ports, Write Data Transfer
Y and C Write Ports, Address Reset Mode Enable
WXINC
—
Y and C Write Ports, X Address Increment
WADE/RX
—
Y and C Write Ports, X and Y Address Input Enable
Y and C Write Ports, X Address Reset
WXAD
—
Y and C Write Ports, X Serial Address Data
WYAD
—
Y and C Write Ports, Y Serial Address Data
IE
Input Enable
—
VCC
Power Supply Voltage (3.3 V)
VSS
Ground (0 V)
TEST
Connect to Power Supply Voltage (3.3 V)
X and Y Serial Address Strobes
Notes:
1. Same power supply voltage level must be provided to every VCC pin.
Same ground voltage level must be provided to every VSS pin.
2. Connect the TEST pin to the power supply.
3. NC must be opened. Don't connect to anything electrically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com