Electronic Components Datasheet Search
  English  ▼

X  

F1421 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # F1421
Description  RF Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1421 Datasheet(HTML) 3 Page - Integrated Device Technology

  F1421 Datasheet HTML 1Page - Integrated Device Technology F1421 Datasheet HTML 2Page - Integrated Device Technology F1421 Datasheet HTML 3Page - Integrated Device Technology F1421 Datasheet HTML 4Page - Integrated Device Technology F1421 Datasheet HTML 5Page - Integrated Device Technology F1421 Datasheet HTML 6Page - Integrated Device Technology F1421 Datasheet HTML 7Page - Integrated Device Technology F1421 Datasheet HTML 8Page - Integrated Device Technology F1421 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
© 2018 Integrated Device Technology, Inc.
3
Rev O May 11, 2018
F1421 Datasheet
Absolute Maximum Ratings
The absolute maximum ratings are stress ratings only. Stresses greater than those listed below can cause permanent damage to the device.
Functional operation of the F1421 at absolute maximum ratings is not implied. Exposure to absolute maximum rating conditions may affect
device reliability.
Table 2.
Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
Supply Voltage
VCC
-0.3
+5.5
V
STBY
VSTBY
-0.3
VCC + 0.25
V
RFIN Externally Applied DC Voltage
VRFIN
-0.3
+0.3
V
RFOUT Externally Applied DC voltage
VRFOUT
VCC - 0.15
VCC + 0.15
V
Maximum RF CW Input Power
PMAX_IN
+18
dBm
Continuous Power Dissipation
PDISS
1.5
W
Junction Temperature
TJMAX
+150
°C
Storage Temperature Range
TSTOR
-65
+150
°C
Lead Temperature (soldering, 10s)
TLEAD
+260
°C
Electrostatic Discharge
– HBM
(JEDEC/ESDA JS-001-2012)
VESDHMB
2000
(Class 2)
V
Electrostatic Discharge
– CDM
(JEDEC 22-C101F)
VESDCDM
500
(Class C2)
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com