Electronic Components Datasheet Search
  English  ▼

X  

F1421 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # F1421
Description  RF Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1421 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button F1421 Datasheet HTML 2Page - Integrated Device Technology F1421 Datasheet HTML 3Page - Integrated Device Technology F1421 Datasheet HTML 4Page - Integrated Device Technology F1421 Datasheet HTML 5Page - Integrated Device Technology F1421 Datasheet HTML 6Page - Integrated Device Technology F1421 Datasheet HTML 7Page - Integrated Device Technology F1421 Datasheet HTML 8Page - Integrated Device Technology F1421 Datasheet HTML 9Page - Integrated Device Technology F1421 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
© 2018 Integrated Device Technology, Inc.
6
Rev O May 11, 2018
F1421 Datasheet
Thermal Characteristics
Table 5.
Package Thermal Characteristics
Parameter
Symbol
Value
Units
Junction to Ambient Thermal Resistance
θJA
45
°C/W
Junction to Case Thermal Resistance
(Case is defined as the exposed paddle)
θJC-BOT
36
°C/W
Moisture Sensitivity Rating (Per J-STD-020)
MSL 1
Typical Operating Conditions (TOC)
 Vcc = 5.0V
 ZL = ZS = 50 Single Ended
 fRF = 1.9GHz
 TEP = 25ºC (All temperatures are referenced to the exposed paddle)
 STBY = LOW (0V)
 POUT = +4dBm/Tone
 5MHz Tone Spacing
 Evaluation Kit traces and connector losses are de-embedded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com