Electronic Components Datasheet Search
  English  ▼

X  

F1421 Datasheet(PDF) 15 Page - Integrated Device Technology

Part # F1421
Description  RF Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1421 Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button F1421 Datasheet HTML 8Page - Integrated Device Technology F1421 Datasheet HTML 9Page - Integrated Device Technology F1421 Datasheet HTML 10Page - Integrated Device Technology F1421 Datasheet HTML 11Page - Integrated Device Technology F1421 Datasheet HTML 12Page - Integrated Device Technology F1421 Datasheet HTML 13Page - Integrated Device Technology F1421 Datasheet HTML 14Page - Integrated Device Technology F1421 Datasheet HTML 15Page - Integrated Device Technology F1421 Datasheet HTML 16Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
© 2018 Integrated Device Technology, Inc.
15
Rev O May 11, 2018
F1421 Datasheet
Package Drawings
The package outline drawings are appended at the end of this document and are accessible from the link below. The package information is
the most current data available.
https://www.idt.com/document/psc/nlnlg24p1-package-outline-40-x-40-mm-body-05-mm-pitch-qfn-epad-size-245-x-245-mm
Ordering Information
Orderable Part Number
Package
MSL Rating
Carrier Type
Temperature
F1421NLGK
4mm x 4mm x 0.9mm 24-pin QFN
1
Tray
-40° to +105°C
F1421NLGK8
4mm x 4mm x 0.9mm 24-pin QFN
1
Reel
-40° to +105°C
F1421EVBI
Evaluation Board
Marking Diagram
IDTF14
21NLGK
ZA721FTG
Line 1 and 2 are the part number.
Line 3 “ZA” is for die version.
Line 3 “721” is one digit for the year and week that the part was assembled.
Line 3 “FTG” denotes the production process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com