Electronic Components Datasheet Search
  English  ▼

X  

AL3353 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AL3353
Description  HIGH PERFORMANCE BOOST LED CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL3353 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AL3353 Datasheet HTML 7Page - Diodes Incorporated AL3353 Datasheet HTML 8Page - Diodes Incorporated AL3353 Datasheet HTML 9Page - Diodes Incorporated AL3353 Datasheet HTML 10Page - Diodes Incorporated AL3353 Datasheet HTML 11Page - Diodes Incorporated AL3353 Datasheet HTML 12Page - Diodes Incorporated AL3353 Datasheet HTML 13Page - Diodes Incorporated AL3353 Datasheet HTML 14Page - Diodes Incorporated AL3353 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AL3353
Ordering Information
AL3353 X - X
Product Name
S:SO-8
(Type TH2)
13: 13" Tape & Reel
Package
Packing
Part Number
Package Code
Package
13” Tape and Reel
Quantity
Part Number Suffix
AL3353S-13
S
SO-8 (Type TH2)
4000/Tape & Reel
-13
Marking Information
AL3353
(Top View)
YY WW X X
Logo
WW : Week : 01~52; 52
YY : Year : 08, 09, 10~
X X : Internal Code
8
7
6
5
1
2
3
4
represents 52 and 53 week
Part Number
Marking ID
AL3353
Document number: DS41487 Rev. 2 - 2
13 of 15
www.diodes.com
February 2019
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com