Electronic Components Datasheet Search
  English  ▼

X  

AL3353 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AL3353
Description  HIGH PERFORMANCE BOOST LED CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL3353 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AL3353 Datasheet HTML 7Page - Diodes Incorporated AL3353 Datasheet HTML 8Page - Diodes Incorporated AL3353 Datasheet HTML 9Page - Diodes Incorporated AL3353 Datasheet HTML 10Page - Diodes Incorporated AL3353 Datasheet HTML 11Page - Diodes Incorporated AL3353 Datasheet HTML 12Page - Diodes Incorporated AL3353 Datasheet HTML 13Page - Diodes Incorporated AL3353 Datasheet HTML 14Page - Diodes Incorporated AL3353 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
AL3353
Package Outline Dimensions (All dimensions in mm(inch).)
Please see http://www.diodes.com/package-outlines.html for the latest version.
(1)
Package Type: SO-8 (Type TH2)
SO-8 (Type TH2)
Dim
Min
Max
Typ
A
--
1.75
--
A1
0.10
0.225
--
A2
1.30
1.50
1.40
A3
0.60
0.70
0.65
b
0.39
0.47
--
c
0.20
0.24
--
D
4.80
5.00
4.90
E
5.80
6.20
6.00
E1
3.80
4.00
3.90
e
1.27BSC
h
0.25
0.50
--
L
0.50
0.80
--
L1
1.05REF
Ø
0
°
8
°
--
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
(1)
Package Type: SO-8 (Type TH2)
Dimensions Value (in mm)
C
1.27
C1
5.20
X
0.60
Y
2.20
D
A
A1
e
b
E1 E
L
c
A3
A2
a
L1
0.25
C
C1
X
Y
AL3353
Document number: DS41487 Rev. 2 - 2
14 of 15
www.diodes.com
February 2019
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com