Electronic Components Datasheet Search
  English  ▼

X  

JC050B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # JC050B
Description  JC050B
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JC050B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  JC050B Datasheet HTML 1Page - List of Unclassifed Manufacturers JC050B Datasheet HTML 2Page - List of Unclassifed Manufacturers JC050B Datasheet HTML 3Page - List of Unclassifed Manufacturers JC050B Datasheet HTML 4Page - List of Unclassifed Manufacturers JC050B Datasheet HTML 5Page - List of Unclassifed Manufacturers JC050B Datasheet HTML 6Page - List of Unclassifed Manufacturers JC050B Datasheet HTML 7Page - List of Unclassifed Manufacturers JC050B Datasheet HTML 8Page - List of Unclassifed Manufacturers JC050B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Tyco Electronics Corp.
3
Data Sheet
October 1997
18 Vdc to 36 Vdc Input, 12 Vdc Output; 50 W to 100 W
JC050B, JC075B, JC100B Power Modules: dc-dc Converters;
Electrical Specifications (continued)
Table 2. Output Specifications
Table 3. Isolation Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage
(Over all operating input voltage, resistive load,
and temperature conditions until end of life; see
Figure 13.)
All
VO
11.64
—
12.36
Vdc
Output Voltage Set Point
(VI = 28 V; IO = IO, max; TC = 25 °C)
All
VO, set
11.78
—
12.22
Vdc
Output Regulation:
Line (VI = 18 V to 36 V)
Load (IO = IO, min to IO, max)
Temperature (TC = –40 °C to +100 °C)
All
All
All
—
—
—
—
—
—
0.01
0.05
50
0.1
0.4
150
%
%
mV
Output Ripple and Noise Voltage
(See Figure 12.):
RMS
Peak-to-peak (5 Hz to 20 MHz)
All
All
—
—
—
—
—
—
50
200
mVrms
mVp-p
External Load Capacitance (electrolytic)
All
—
0
—
5,000
µF
Output Current
(At IO < IO, min, the module may exceed output
ripple specifications.)
JC050B
JC075B
JC100B
IO
IO
IO
0.3
0.3
0.3
—
—
—
4.2
6.3
8.3
A
A
A
Output Current-limit Inception
(VO = 90% of VO, nom)
JC050B
JC075B
JC100B
IO, cli
IO, cli
IO, cli
—
—
—
4.8
6.4
9.6
5.8
8.1
10.8
A
A
A
Output Short-circuit Current (VO = 250 mV)
All
—
—
170
—
%IO, max
Efficiency (VI = 28 V; IO = IO, max; TC = 70 °C)
JC050B
JC075B
JC100B
η
η
η
82
83
83
85
85
85
—
—
—
%
%
%
Dynamic Response
(
∆IO/∆t = 1 A/10 µs, VI = 28 V, TC = 25 °C):
Load Change from IO = 50% to 75% of IO, max:
Peak Deviation
Settling Time (VO < 10% of peak deviation)
Load Change from IO = 50% to 25% of IO, max:
Peak Deviation
Settling Time (VO < 10% of peak deviation)
All
All
All
All
—
—
—
—
—
—
—
—
2
300
2
300
—
—
—
—
%VO, set
µs
%VO, set
µs
Parameter
Min
Typ
Max
Unit
Isolation Capacitance
—
2500
—
pF
Isolation Resistance
10
—
—
M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com