Electronic Components Datasheet Search
  English  ▼

X  

JC050B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # JC050B
Description  JC050B
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JC050B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  JC050B Datasheet HTML 1Page - List of Unclassifed Manufacturers JC050B Datasheet HTML 2Page - List of Unclassifed Manufacturers JC050B Datasheet HTML 3Page - List of Unclassifed Manufacturers JC050B Datasheet HTML 4Page - List of Unclassifed Manufacturers JC050B Datasheet HTML 5Page - List of Unclassifed Manufacturers JC050B Datasheet HTML 6Page - List of Unclassifed Manufacturers JC050B Datasheet HTML 7Page - List of Unclassifed Manufacturers JC050B Datasheet HTML 8Page - List of Unclassifed Manufacturers JC050B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Data Sheet
October 1997
JC050B, JC075B, JC100B Power Modules: dc-dc Converters;
18 Vdc to 36 Vdc Input, 12 Vdc Output; 50 W to 100 W
The JC050B, JC075B, JC100B Power Modules use advanced,
surface-mount technology and deliver high-quality, efficient,
compact dc-dc conversion.
Applications
■ Distributed power architectures
■ Workstations
■ EDP equipment
■ Telecommunications
Options
■ Choice of remote on/off logic configuration
■ Heat sink available for extended operation
■ Short Leads: 2.79 mm (0.110 in.)
3.68 mm (0.145 in.)
Features
■ Small size: 61.0 mm x 57.9 mm x 13.1 mm
(2.40 in. x 2.28 in. x 0.52 in.)
■ High power density
■ High efficiency: 85% typical
■ Low output noise
■ Constant frequency
■ Industry-standard pinout
■ Metal baseplate
■ 2:1 input voltage range
■ Overtemperature protection (100 W only)
■ Remote sense
■ Remote on/off
■ Adjustable output voltage
■ Case ground pin
■ UL
* Recognized, CSA† Certified, VDE Licensed
*
UL is a registered trademark of Underwriters Laboratories, Inc.
†
CSA is a registered trademark of Canadian Standards Assn.
Description
The JC050B, JC075B, JC100B Power Modules are dc-dc converters that operate over an input voltage range of
18 Vdc to 36 Vdc and provide a precisely regulated dc output. The outputs are fully isolated from the inputs, allow-
ing versatile polarity configurations and grounding connections. The modules have maximum power ratings from
50 W to 100 W at typical full-load efficiency of 85%.
The sealed modules offer metal baseplate for excellent thermal performance. Threaded-through holes are pro-
vided to allow easy mounting or addition of a heat sink for high-temperature applications. The standard feature set
includes remote sensing, output trim, and remote on/off for convenient flexibility in distributed power applications.


Similar Part No. - JC050B

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JC050A1 LINEAGEPOWER-JC050A1 Datasheet
1Mb / 16P
Small size: 61.0 mm x 57.9 mm x 12.7 mm (2.40 in. x 2.28 in. x 0.50 in.)
JC050C1 LINEAGEPOWER-JC050C1 Datasheet
458Kb / 16P
Distributed power architectures
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com