Electronic Components Datasheet Search
  English  ▼

X  

JC050B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # JC050B
Description  JC050B
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JC050B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  JC050B Datasheet HTML 1Page - List of Unclassifed Manufacturers JC050B Datasheet HTML 2Page - List of Unclassifed Manufacturers JC050B Datasheet HTML 3Page - List of Unclassifed Manufacturers JC050B Datasheet HTML 4Page - List of Unclassifed Manufacturers JC050B Datasheet HTML 5Page - List of Unclassifed Manufacturers JC050B Datasheet HTML 6Page - List of Unclassifed Manufacturers JC050B Datasheet HTML 7Page - List of Unclassifed Manufacturers JC050B Datasheet HTML 8Page - List of Unclassifed Manufacturers JC050B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Tyco Electronics Corp.
Data Sheet
October 1997
18 Vdc to 36 Vdc Input, 12 Vdc Output; 50 W to 100 W
JC050B, JC075B, JC100B Power Modules: dc-dc Converters;
General Specifications
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions. See Feature Descriptions for additional information.
Parameter
Min
Typ
Max
Unit
Calculated MTBF (IO = 80% of IO, max; TC = 40 °C)
2,600,000
hr.
Weight
—
—
100 (3.5)
g (oz.)
Parameter
Symbol
Min
Typ
Max
Unit
Remote On/Off Signal Interface
(VI = 0 V to 36 V; open collector or equivalent compatible;
signal referenced to VI(–) terminal; see Figure 14 and
Feature Descriptions.):
JCxxxB1 Preferred Logic:
Logic Low—Module On
Logic High—Module Off
JCxxxB Optional Logic
Logic Low—Module Off
Logic High—Module On
Logic Low:
At Ion/off = 1.0 mA
At Von/off = 0.0 V
Logic High:
At Ion/off = 0.0 µA
At Von/off = 15 V
Turn-on Time (See Figure 10)
(IO = 80% of IO, max; VO within ±1% of steady state)
Von/off
Ion/off
Von/off
Ion/off
—
0
—
—
—
—
—
—
—
—
20
1.2
1.0
15
50
35
V
mA
V
µA
ms
Output Voltage Adjustment (See Feature Descriptions.):
Output Voltage Remote-sense Range
Output Voltage Set-point Adjustment Range (trim)
—
—
—
60
—
—
1.2
110
V
%VO, nom
Output Overvoltage Clamp
VO, clamp
13.2
—
16.0
V
Overtemperature Shutdown
(100 W only; see Feature Descriptions.)
Tc
—
105
—
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com