Electronic Components Datasheet Search
  English  ▼

X  

JC100B Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # JC100B
Description  JC050B
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JC100B Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button JC100B Datasheet HTML 8Page - List of Unclassifed Manufacturers JC100B Datasheet HTML 9Page - List of Unclassifed Manufacturers JC100B Datasheet HTML 10Page - List of Unclassifed Manufacturers JC100B Datasheet HTML 11Page - List of Unclassifed Manufacturers JC100B Datasheet HTML 12Page - List of Unclassifed Manufacturers JC100B Datasheet HTML 13Page - List of Unclassifed Manufacturers JC100B Datasheet HTML 14Page - List of Unclassifed Manufacturers JC100B Datasheet HTML 15Page - List of Unclassifed Manufacturers JC100B Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Data Sheet
October 1997
18 Vdc to 36 Vdc Input, 12 Vdc Output; 50 W to 100 W
JC050B, JC075B, JC100B Power Modules: dc-dc Converters;
Printed on
Recycled Paper
World Wide Headquarters
Tyco Electronics Power Systems, Inc.
3000 Skyline Drive, Mesquite, TX 75149, USA
+1-800-526-7819 FAX: +1-888-315-5182
(Outside U.S.A.: +1-972-284-2626, FAX: +1-972-284-2900)
www.power.tycoelectronics.com
e-mail: techsupport1@tycoelectronics.com
Tyco Electronics Corporation reserves the right to make changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or application.
No rights under any patent accompany the sale of any such product(s) or information.
© 2001 Tyco Electronics Power Systems, Inc. (Mesquite, Texas) All International Rights Reserved.
Printed in U.S.A.
October 1997
DS97-277EPS (Replaces DS95-045EPS)
Europe, Middle-East and Africa Headquarters
Tyco Electronics (UK) Ltd
Tel: +44 (0) 1344 469 300, Fax: +44 (0) 1344 469 301
Central America-Latin America Headquarters
Tyco Electronics Power Systems
Tel: +54 11 4316 2866, Fax: +54 11 4312 9508
Asia-Pacific Headquarters
Tyco Electronics Singapore Pte Ltd
Tel: +65 482 0311, Fax: 65 480 9299



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com