Electronic Components Datasheet Search
  English  ▼

X  

JC100B Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # JC100B
Description  JC050B
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JC100B Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button JC100B Datasheet HTML 5Page - List of Unclassifed Manufacturers JC100B Datasheet HTML 6Page - List of Unclassifed Manufacturers JC100B Datasheet HTML 7Page - List of Unclassifed Manufacturers JC100B Datasheet HTML 8Page - List of Unclassifed Manufacturers JC100B Datasheet HTML 9Page - List of Unclassifed Manufacturers JC100B Datasheet HTML 10Page - List of Unclassifed Manufacturers JC100B Datasheet HTML 11Page - List of Unclassifed Manufacturers JC100B Datasheet HTML 12Page - List of Unclassifed Manufacturers JC100B Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Tyco Electronics Corp.
9
Data Sheet
October 1997
18 Vdc to 36 Vdc Input, 12 Vdc Output; 50 W to 100 W
JC050B, JC075B, JC100B Power Modules: dc-dc Converters;
Feature Descriptions (continued)
Remote On/Off (continued)
8-720 (C).c
Figure 14. Remote On/Off Implementation
Remote Sense
Remote sense minimizes the effects of distribution
losses by regulating the voltage at the remote-sense
connections. The voltage between the remote-sense
pins and the output terminals must not exceed the out-
put voltage sense range given in the Feature Specifica-
tions table, i.e.:
[VO(+) – VO(–)] – [SENSE(+) – SENSE(–)]
≤ 1.2 V
The voltage between the VO(+) and VO(–) terminals
must not exceed 5.9 V. This limit includes any increase
in voltage due to remote-sense compensation and out-
put voltage set-point adjustment (trim), see Figure 15.
If not using the remote-sense feature to regulate the
output at the point of load, then connect SENSE(+) to
VO(+) and SENSE(-) to VO(-) at the module.
8-651 (C).h
Figure 15. Effective Circuit Configuration for
Single-Module Remote-Sense Operation
Output Voltage Set-Point Adjustment
(Trim)
Output voltage trim allows the user to increase or
decrease the output voltage set point of a module. This
is accomplished by connecting an external resistor
between the TRIM pin and either the SENSE(+) or
SENSE(–) pins. With an external resistor between the
TRIM and SENSE(–) pins (Radj-down), the output voltage
set point (Vo, adj) decreases (see Figure 16). The follow-
ing equation determines the required external-resistor
value to obtain a percentage output voltage change of
∆%.
The test results for this configuration are displayed in
Figure 17. This figure applies to all output voltages.
With an external resistor connected between the TRIM
and SENSE(+) pins (Radj-up), the output voltage set
point (VO, adj) increases (see Figure 18).
The following equation determines the required exter-
nal-resistor value to obtain a percentage output voltage
change of
∆%.
The test results for this configuration are displayed in
Figure 19.
The voltage between the VO(+) and VO(–) terminals
must not exceed 5.9V. This limit includes any increase
in voltage due to remote-sense compensation and out-
put voltage set-point adjustment (trim). See Figure 15.
If not using the trim feature, leave the TRIM pin open.
8-748 (C).c
Figure 16. Circuit Configuration to Decrease
Output Voltage
SENSE(+)
VO(+)
SENSE(–)
VO(–)
VI(–)
+
–
Ion/off
ON/OFF
VI(+)
LOAD
Von/off
VO(+)
SENSE(+)
SENSE(–)
VO(–)
VI(+)
VI(–)
IO
LOAD
CONTACT AND
DISTRIBUTION LOSSES
SUPPLY
II
CONTACT
RESISTANCE
Radj-down
100
∆%
----------2
–

 kΩ
=
Radj-up
VO 100
∆%
+
()
1.225
∆%
--------------------------------------
100
2
∆%
+
()
∆%
----------------------------------
–

 kΩ
=
VI (+)
VI (–)
ON/OFF
CASE
VO (+)
VO(–)
SENSE(+)
TRIM
SENSE(–)
Radj-down
RLOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com