Electronic Components Datasheet Search
  English  ▼

X  

JC100B Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # JC100B
Description  JC050B
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JC100B Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button JC100B Datasheet HTML 2Page - List of Unclassifed Manufacturers JC100B Datasheet HTML 3Page - List of Unclassifed Manufacturers JC100B Datasheet HTML 4Page - List of Unclassifed Manufacturers JC100B Datasheet HTML 5Page - List of Unclassifed Manufacturers JC100B Datasheet HTML 6Page - List of Unclassifed Manufacturers JC100B Datasheet HTML 7Page - List of Unclassifed Manufacturers JC100B Datasheet HTML 8Page - List of Unclassifed Manufacturers JC100B Datasheet HTML 9Page - List of Unclassifed Manufacturers JC100B Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Data Sheet
October 1997
6
6
Tyco Electronics Corp.
18 Vdc to 36 Vdc Input, 12 Vdc Output; 50 W to 100 W
JC050B, JC075B, JC100B Power Modules: dc-dc Converters;
Characteristic Curves (continued)
8-1240 (C).a
Figure 5. Typical JC075B Output Characteristics at
Room Temperature, VIN = 28 V
8-1241 (C)
Figure 6. Typical JC100B Output Characteristics at
Room Temperature, VIN = 28 V
8-1242 (C).a
Figure 7. Typical JC050B Converter Efficiency vs.
Output Current at Room Temperature
8-1243 (C).a
Figure 8. Typical JC075B Converter Efficiency vs.
Output Current at Room Temperature
01
2
3
4
5
7
0
7
9
12
13
OUTPUT CURRENT, IO (A)
6
4
2
6
11
10
8
5
3
1
89
0
13
46
7
8
0
8
10
12
OUTPUT CURRENT, IO (A)
6
4
2
5
29
10
14
0
0.7
1.4
2.1
2.8
3.5
4.2
77
83
84
85
86
OUTPUT CURRENT, IO (A)
81
80
79
78
82
18 V
28 V
36 V
0
70
82
84
86
OUTPUT CURRENT, IO (A)
78
76
74
72
80
0.5
1
1.5
2
2.5 3
3.5
4
4.5
5
5.5
6
6.5
18 V
28 V
36 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com