Electronic Components Datasheet Search
  English  ▼

X  

1027607 Datasheet(PDF) 9 Page - PHOENIX CONTACT

Part # 1027607
Description  DMCC 0,5/ 5-ST-2,54
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1027607 Datasheet(HTML) 9 Page - PHOENIX CONTACT

Back Button 1027607 Datasheet HTML 5Page - PHOENIX CONTACT 1027607 Datasheet HTML 6Page - PHOENIX CONTACT 1027607 Datasheet HTML 7Page - PHOENIX CONTACT 1027607 Datasheet HTML 8Page - PHOENIX CONTACT 1027607 Datasheet HTML 9Page - PHOENIX CONTACT 1027607 Datasheet HTML 10Page - PHOENIX CONTACT 1027607 Datasheet HTML 11Page - PHOENIX CONTACT 1027607 Datasheet HTML 12Page - PHOENIX CONTACT 1027607 Datasheet HTML 13Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
1027607 DMCC 0,5/ 5-ST-2,54
REF 1027603
PHOENIX CONTACT
9 / 13
2018-12-14
Product version 00
Document revision 00
12
Electrical tests
Rated current / conductor cross section
6 A / 0.75 mm²
Rated insulation voltage (III/2)
160 V
Rated surge voltage (III/2)
2.5 kV
Contact resistance
Degree of pollution
2
12.1
Electrical data
Component
PCB connector
Specification
IEC 60664-1:2007-04
Mains type
unearthed mains
Insulating material group
I
Comparative tracking index (IEC 60112:2003-01)
CTI 600
Rated insulation voltage
160 V
160 V
320 V
Rated surge voltage
2.5 kV
2.5 kV
2.5 kV
Degree of pollution
3
2
2
Overvoltage category
III
III
II
Minimum clearance case A (inhomogeneous field)
1.5 mm
1.5 mm
1.5 mm
Minimum value of the creepage path requirement in acc. with table
2 mm
1.5 mm
1.6 mm
12.2
Air and creepage distances



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com