Electronic Components Datasheet Search
  English  ▼

X  

1027607 Datasheet(PDF) 12 Page - PHOENIX CONTACT

Part # 1027607
Description  DMCC 0,5/ 5-ST-2,54
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1027607 Datasheet(HTML) 12 Page - PHOENIX CONTACT

Back Button 1027607 Datasheet HTML 5Page - PHOENIX CONTACT 1027607 Datasheet HTML 6Page - PHOENIX CONTACT 1027607 Datasheet HTML 7Page - PHOENIX CONTACT 1027607 Datasheet HTML 8Page - PHOENIX CONTACT 1027607 Datasheet HTML 9Page - PHOENIX CONTACT 1027607 Datasheet HTML 10Page - PHOENIX CONTACT 1027607 Datasheet HTML 11Page - PHOENIX CONTACT 1027607 Datasheet HTML 12Page - PHOENIX CONTACT 1027607 Datasheet HTML 13Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
1027607 DMCC 0,5/ 5-ST-2,54
REF 1027603
PHOENIX CONTACT 12 / 13
2018-12-14
Product version 00
Document revision 00
17
Commercial Data
Order No.
1027607
Type
DMCC 0,5/ 5-ST-2,54
Pieces per package
100
Net weight
0.85 g
GTIN
4055626521589
Information that applies locally, see link on page 1
Country of origin
Information that applies locally, see link on page 1
Order No.
Type
1844756
DMC 0,5/ 5-G1-2,54 P20THR R44
1845056
DMC 0,5/ 5-G1-2,54 SMD R44
1844905
DMCV 0,5/ 5-G1-2,54 P20THR R44
1845205
DMCV 0,5/ 5-G1-2,54 SMD R44
18
corresponding headers
Description
Order No.
Type
1013425
MCC 0,5-MP AU 0,14-0,5
1013420
MCC 0,5-MP AU 0,14-0,5 R
1013419
MCC 0,5-MP AU 0,34-0,75
1013418
MCC 0,5-MP AU 0,34-0,75 R
Crimping pliers, for COMBICON crimp connectors with cross section: 0.14
... 0.75 mm². Unlockable pressure lock, precise parallel crimping, front
entry, B crimp, incl. 2 positioning aids
1064998
CRIMPFOX-P CC 0.75 L
19
Accessories



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com