Electronic Components Datasheet Search
  English  ▼

X  

1027607 Datasheet(PDF) 11 Page - PHOENIX CONTACT

Part # 1027607
Description  DMCC 0,5/ 5-ST-2,54
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1027607 Datasheet(HTML) 11 Page - PHOENIX CONTACT

Back Button 1027607 Datasheet HTML 5Page - PHOENIX CONTACT 1027607 Datasheet HTML 6Page - PHOENIX CONTACT 1027607 Datasheet HTML 7Page - PHOENIX CONTACT 1027607 Datasheet HTML 8Page - PHOENIX CONTACT 1027607 Datasheet HTML 9Page - PHOENIX CONTACT 1027607 Datasheet HTML 10Page - PHOENIX CONTACT 1027607 Datasheet HTML 11Page - PHOENIX CONTACT 1027607 Datasheet HTML 12Page - PHOENIX CONTACT 1027607 Datasheet HTML 13Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
1027607 DMCC 0,5/ 5-ST-2,54
REF 1027603
PHOENIX CONTACT 11 / 13
2018-12-14
Product version 00
Document revision 00
14
Environmental and durability tests
Specification
IEC 60068-2-6:2007-12
Result
Test passed
Frequency
10 - 150 - 10 Hz
Sweep speed
1 octave/min
Amplitude
0.35 mm (10 - 60.1 Hz)
Acceleration
50 m/s
2
(60.1 - 150 Hz)
Test duration per axis
2 h
Test directions
X-, Y- and Z-axis
Note
The connected conductor loops were guided to the test sample at a distance of
approx. 10 cm.
14.1
Vibration test
Specification
IEC 61373:2010-05
Result
Test passed
Testing
Vibration, broadband noise
Frequency
5 - 150 Hz
Test directions
X-, Y- and Z-axis (pos. and neg.)
Spectrum
Service life test category 1, class B, body mounted
14.2
Railway application, vibration test
Specification
IEC 61984:2008-10
Main features
Connectors without switching capacity (COC)
Construction form
Fixed connectors
Strain relief elements
without strain relief
Connection method
Cannot be reconnected
Protection against electric shock
not encapsulated - back of hand safety when plugged in
Protective conductor
without PE
Lock
no
Connection method
Crimp connections
15
Classification for connectors
16
Approvals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com