Electronic Components Datasheet Search
  English  ▼

X  

MSM63P238 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM63P238
Description  4-Bit Microcontroller with Built-in 16K Word PROM, POCSAG Decoder, and Melody Circuit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM63P238 Datasheet(HTML) 4 Page - OKI electronic componets

  MSM63P238 Datasheet HTML 1Page - OKI electronic componets MSM63P238 Datasheet HTML 2Page - OKI electronic componets MSM63P238 Datasheet HTML 3Page - OKI electronic componets MSM63P238 Datasheet HTML 4Page - OKI electronic componets MSM63P238 Datasheet HTML 5Page - OKI electronic componets MSM63P238 Datasheet HTML 6Page - OKI electronic componets MSM63P238 Datasheet HTML 7Page - OKI electronic componets MSM63P238 Datasheet HTML 8Page - OKI electronic componets MSM63P238 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
¡ Semiconductor
MSM63P238
4/28
BLOCK DIAGRAM
An asterisk (*) indicates the port secondary function.
and
indicate that the power is
supplied from VDDI to the circuits corresponding to the signal names inside
, and from
VDDR to the circuits corresponding to signal names inside
. (VDDI and VDDR: power supply
for interface)
PROM
16KW
EXTMEM
BUS
CON-
TROL
MIE
XTM0
XTM1
XT0
XT1
OSC0
OSC1
TBCCLK
*
HSCLK
*
RESET
OSC
CBR
EBR
L
C
G
Z
ALU
RA
A
IR
INSTRUCTION
DECODER
RAM
1024N
D0-7
*
A0-15
*
RD
*
WR
*
nX-4/250
MELODY
MD
I/O
PORT
P8.0, P8.1
P9.0-P9.3
PA.0-PA.3
PB.0-PB.3
PC.0-PC.3
PD.0-PD.3
RST
TST1
TST
TST2
VDDI
3
INT
PC
H
Y
X
TIMING
CON-
TROL
SP
RSP
STACK
CAL.S: 16-level
REG.S: 16-level
INT
TIMER
8bit ¥ 4
RXC
*
TXC*
RXD
*
TXD
*
4
INT
SIO
TM0CAP/TM1CAP
*
TM0OVF/TM1OVF
*
T02CK
*
T13CK
*
2
INT
1
INT
TST3
XTSEL0
XTSEL1
VDDH
VDD
VDDL
VDD2
CB1
CB2
BACKUP
P0.0-P0.3
P8.2, P8.3
PE.0-PE.3
PF.0-PF.3
Internal
PORT
POCSAG
Dec
INPUT
PORT
P1.0-P1.3
P7.0-P7.3
P6.0-P6.3
P5.0-P5.3
P4.0-P4.3
P3.0-P3.3
P2.0-P2.3
1
INT
OUTPUT
PORT
TBC
4
INT
BLD
WDT
1
INT
3
INT
SIGIN
BS1
BS2
VDDR
VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com