Electronic Components Datasheet Search
  English  ▼

X  

MSM63P238 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM63P238
Description  4-Bit Microcontroller with Built-in 16K Word PROM, POCSAG Decoder, and Melody Circuit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM63P238 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM63P238 Datasheet HTML 2Page - OKI electronic componets MSM63P238 Datasheet HTML 3Page - OKI electronic componets MSM63P238 Datasheet HTML 4Page - OKI electronic componets MSM63P238 Datasheet HTML 5Page - OKI electronic componets MSM63P238 Datasheet HTML 6Page - OKI electronic componets MSM63P238 Datasheet HTML 7Page - OKI electronic componets MSM63P238 Datasheet HTML 8Page - OKI electronic componets MSM63P238 Datasheet HTML 9Page - OKI electronic componets MSM63P238 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
¡ Semiconductor
MSM63P238
6/28
PIN DESCRIPTIONS
The basic functions of each pin of the MSM63P238 are described in Table 1.
A symbol with a slash (/) denotes a pin that has a secondary function.
Refer to Table 2 for secondary functions.
For type, "—" denotes a power supply pin, "I" an input pin, "O" an output pin, and "I/O" an input-
output pin.
Table 1 Pin Descriptions (Basic Functions)
Function
Symbol
Type
Description
VDD
Positive power supply
VSS
Negative power supply
VDDR
Interface power supply for SIGIN, BS1, BS2
VDDI
Positive power supply pin for external interface
(power supply for input, output, and I/O ports)
VDDL
Positive power supply pin for internal logic (internally generated).
A capacitor (0.1 mF) should be connected between this pin and VSS.
VDDH
Voltage multiplier pin for power supply backup
(internally generated).
A capacitor (1.0 mF) should be connected between this pin and VSS.
CB1
Pins to connect a capacitor for voltage multiplier.
A capacitor (1.0 mF) should be connected between CB1 and CB2.
CB2
XT0
I
Clock oscillation pins for POCSAG decoder.
A 32.768 kHz, 38.4 kHz, or 76.8 kHz crystal and capacitor (CG)
should be connected to these pins.
XT1
O
XTM0
I
XTM1
O
OSC0
I
High-speed clock oscillation pins.
A ceramic resonator and capacitors (CL0, CL1) or external
oscillation resistor (ROS) should be connected to these pins.
OSC1
O
XTSEL0
I
Low-speed CPU clock select pins.
These pins are used to select a low-speed CPU clock.
Because these are high impedance inputs, be sure to tie these
pins to VDD or VSS.
XTSEL1
TST1
Input pins for testing.
Pull-down resistors are internally connected to these pins.
The user cannot use these pins.
TST2
I
TST3
RESET
I
Reset input pin.
Setting this pin to "H" level puts this device into a reset state.
Then, setting this pin to "L" level starts executing an instruction
from address 0000H.
A pull-down resistor is internally connected to this pin.
Low-speed clock oscillation pins for CPU.
A 32.768 kHz crystal and capacitor (CGM) should be connected
to these pins.
Power
Supply
Oscillation
Test
Reset
VDD2
Positive power supply pin for low-speed clock (internally generated)
31
32
13
36
27
26
28
29
30
14
15
23
24
19
20
21
22
16
17
18
34
Pin
VPP
Power supply (+12.5 V) for PROM writing
35
—
—
—
—
—
—
—
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com