Electronic Components Datasheet Search
  English  ▼

X  

MSM63P238 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM63P238
Description  4-Bit Microcontroller with Built-in 16K Word PROM, POCSAG Decoder, and Melody Circuit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM63P238 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM63P238 Datasheet HTML 9Page - OKI electronic componets MSM63P238 Datasheet HTML 10Page - OKI electronic componets MSM63P238 Datasheet HTML 11Page - OKI electronic componets MSM63P238 Datasheet HTML 12Page - OKI electronic componets MSM63P238 Datasheet HTML 13Page - OKI electronic componets MSM63P238 Datasheet HTML 14Page - OKI electronic componets MSM63P238 Datasheet HTML 15Page - OKI electronic componets MSM63P238 Datasheet HTML 16Page - OKI electronic componets MSM63P238 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
¡ Semiconductor
MSM63P238
13/28
RECOMMENDED OPERATING CONDITIONS
• When backup is used
VDDI
1.45 to 5.5
V
VDDR
1.45 to 5.5
V
Crystal Oscillation Frequency
fXT
30 to 80
kHz
fXTM
30 to 35
kHz
Ceramic Oscillation Frequency
fCM
200k to 1M
Hz
VDD = 1.45 to 2.7 V
—
—
—
—
Parameter
Symbol
Condition
Range
Unit
Operating Temperature
Top
0 to +65
°C
VDD
—
1.45 to 2.7
V
Operating Voltage
(VSS = 0 V)
—
External RC Oscillator Resistance
ROS
50 to 300
kW
VDD = 1.45 to 2.7 V
VDDI
1.8 to 5.5
V
VDDR
1.8 to 5.5
V
Crystal Oscillation Frequency
fXT
30 to 80
kHz
fXTM
30 to 35
kHz
Ceramic Oscillation Frequency
fCM
300k to 1M
Hz
VDD = 2.7 to 5.5 V
—
—
—
—
Parameter
Symbol
Condition
Range
Unit
Operating Temperature
Top
0 to +65
°C
VDD
—
2.7 to 5.5
V
Operating Voltage
(VSS = 0 V)
—
External RC Oscillator Resistance
ROS
50 to 300
kW
VDD = 2.7 to 5.5 V
200k to 2M
VDD = 2.9 to 5.5 V
30 to 300
VDD = 2.9 to 5.5 V
• When backup is not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com