Electronic Components Datasheet Search
  English  ▼

X  

MSM6404 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM6404
Description  High speed and High performance 4-Bit Microcontroller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6404 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM6404 Datasheet HTML 3Page - OKI electronic componets MSM6404 Datasheet HTML 4Page - OKI electronic componets MSM6404 Datasheet HTML 5Page - OKI electronic componets MSM6404 Datasheet HTML 6Page - OKI electronic componets MSM6404 Datasheet HTML 7Page - OKI electronic componets MSM6404 Datasheet HTML 8Page - OKI electronic componets MSM6404 Datasheet HTML 9Page - OKI electronic componets MSM6404 Datasheet HTML 10Page - OKI electronic componets MSM6404 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7/25
MSM6404A/6404VS
¡ Semiconductor
PIN DESCRIPTIONS
Symbol
Type
Description
During reset
P0.0
I/O
"1"
P0.1/SCK
P0.2/SO
P0.3/SI
P1.0/CIN
I/O
P1.0 is shared with counter input (CIN).
"1"
P1.1/TMO
P1.1 is shared with timer output (TMO).
P1.2/TCK
P1.3
P2.0/INT
I
P2.0 is shared with external interrupt input (INT).
The latch is
reset.
P2.1
Input port with a latch, built-in pull-up resistor
P2.2
P2.3
P3.0 to 3.3
"0"
P4.0 to 4.3
P5.0 to 5.3
P6.0 to 6.3
P7.0 to 7.3
I/O
"0"
P8.0 to 8.3
OSC0
I
Oscillation
waveform
Crystal connection pins for clock oscillation
TEST
O
Pulse output
(Test pin for manufacturer)
RESET
I
VDD
Power supply voltage pins
GND
P0.1 is shared with serial clock (SCK) input/output.
P0.2 is shared with serial data (SO) output.
P0.3 is shared with serial data (SI) input.
P1.2 is shared with timer clock input (TCK).
I/O
I/O
I/O
I/O
"1"
"0"
"0"
OSC1
Input pin for system reset
—
—
—
—
O
—
—
—
8-bit output ports (at OPT instruction execution)
I/O
Note: 1. The ports except for pins P2.0 to P2.3 are pseudo bidirectional ports.
2. When each port is used for output, the MSM6404A can drive one TTL (one input) and
the MSM6404VS can drive one LS TTL (one input).
Upper Pins for MSM6404VS
Symbol
Type
Description
A0 to A12
I0 to I7
CE/GND
I
OE/GND
I
O
I
Data input
Chip enable input
Output enable input
Address output
I
PGM/VDD
Program input
—
VDD
Power supply voltage pins
GND
—
VPP/VDD
Programed power supply voltage pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com