Electronic Components Datasheet Search
  English  ▼

X  

MSM6404 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM6404
Description  High speed and High performance 4-Bit Microcontroller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6404 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM6404 Datasheet HTML 4Page - OKI electronic componets MSM6404 Datasheet HTML 5Page - OKI electronic componets MSM6404 Datasheet HTML 6Page - OKI electronic componets MSM6404 Datasheet HTML 7Page - OKI electronic componets MSM6404 Datasheet HTML 8Page - OKI electronic componets MSM6404 Datasheet HTML 9Page - OKI electronic componets MSM6404 Datasheet HTML 10Page - OKI electronic componets MSM6404 Datasheet HTML 11Page - OKI electronic componets MSM6404 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8/25
MSM6404A/6404VS
¡ Semiconductor
ABSOLUTE MAXIMUM RATINGS (MSM6404A)
Parameter
Symbol
Condition
Rating
Unit
Power Supply Voltage
VDD
Ta = 25°C
–0.3 to +7
V
Input Voltage
VI
–0.3 to VDD
V
Output Voltage
VO
–0.3 to VDD
V
Power Dissipation
PD
200 max.
mW
Ta = 25°C per output
50 max.
mW
Ta = 25°C per package
Storage Temperature
TSTG
—
–55 to +150
°C
RECOMMENDED OPERATING CONDITIONS (MSM6404A)
Note: Refer to the fOSC-VDD characteristic in OPERATING CHARACTERISTICS for the
relation-ship between power supply voltage and operating frequency.
Parameter
Symbol
Condition
Range
Unit
Power Supply Voltage
VDD
fOSC £ 1 MHz
3 to 6
V
4.5 to 5.5
V
fOSC £ 4.2 MHz
Data-Hold Voltage
VDDH
2 to 6
V
fOSC = 0 Hz
Operating Temperature
Top
–40 to +85
°C
—
Fan Out
N
15
—
MOS load
TTL load
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com