Electronic Components Datasheet Search
  English  ▼

X  

MSM6404 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM6404
Description  High speed and High performance 4-Bit Microcontroller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6404 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM6404 Datasheet HTML 1Page - OKI electronic componets MSM6404 Datasheet HTML 2Page - OKI electronic componets MSM6404 Datasheet HTML 3Page - OKI electronic componets MSM6404 Datasheet HTML 4Page - OKI electronic componets MSM6404 Datasheet HTML 5Page - OKI electronic componets MSM6404 Datasheet HTML 6Page - OKI electronic componets MSM6404 Datasheet HTML 7Page - OKI electronic componets MSM6404 Datasheet HTML 8Page - OKI electronic componets MSM6404 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1/25
MSM6404A/6404VS
¡ Semiconductor
GENERAL DESCRIPTION
The MSM6404A microcontroller is a low-power device implemented in complementary metal-
oxide semiconductor technology. The MSM6404A is optimized for high-speed processing and
complicated-control applications.
The MSM6404VS is a CMOS 4-bit microcontroller that employs an external EPROM using a
piggy-back package in place of the program memory (ROM) internal to the MSM6404A.
The MSM6404VS can be used for program development verification because the programs can
be modified by programming an external EPROM 2732 equivalent or 2764A equivalent.
FEATURES
• Mask ROM (MSM6404A)
: 4000 words ¥ 8 bits
External ROM (MSM6404VS)
: 8196 words ¥ 8 bits
• RAM (including the stack area)
: 256 words ¥ 4 bits
• I/O port
Input-output port
: 8 ports ¥ 4 bits
Input port
: 1 port ¥ 4 bits
4 bits are for input ports having a latch; the other 32 bits are input/output ports that allow
bit manipulation
• Three built-in counters
: 12-bit time-base counter
12-bit programmable timer
8-bit high-speed programmable timer/event
counter
• Built-in 8-bit serial I/O register (with 3-bit counter)
• Five interrupts with five priority levels (4 internal, 1 external)
• 32 stacks (in RAM)
• Power-down features
• Minimum instruction execution time
: 952 ns @ 4.2 MHz clock
• Instruction systems suitable for control
• Fully static operation
• Low power consumption
• Single 5 V supply
• Package options:
MSM6404A
42-pin plastic DIP (DIP42-P-600-2.54)
: (Product name : MSM6404A-¥¥¥RS)
44-pin plastic QFP (QFP44-P-910-0.80-K)
: (Product name : MSM6404A-¥¥¥GS-K)
44-pin plastic QFP (QFP44-P-910-0.80-2K) : (Product name : MSM6404A-¥¥¥GS-2K)
MSM6404VS
42-pin ceramic piggyback (ADIP42-C-600-2.54) : (Product name : MSM6404VS)
¥¥¥ indicates a code number.
¡ Semiconductor
MSM6404A/6404VS
High speed and High performance 4-Bit Microcontroller
E2E0013-38-93
This version: Sep. 1998
Previous version: Mar. 1996


Similar Part No. - MSM6404

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6408 OKI-MSM6408 Datasheet
147Kb / 19P
High speed and High performance 4-Bit Microcontroller
More results

Similar Description - MSM6404

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6408 OKI-MSM6408 Datasheet
147Kb / 19P
High speed and High performance 4-Bit Microcontroller
MSM6411A OKI-MSM6411A Datasheet
86Kb / 11P
High speed and Simple 4-Bit Microcontroller
MSM6422 OKI-MSM6422 Datasheet
97Kb / 10P
High speed and Simple 4-Bit Microcontroller
logo
Intel Corporation
M80C196KB INTEL-M80C196KB Datasheet
401Kb / 30P
16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
logo
OKI electronic componet...
MSM65512A OKI-MSM65512A Datasheet
189Kb / 23P
High Performance 8-Bit Microcontroller
MSM65514 OKI-MSM65514 Datasheet
196Kb / 23P
High Performance 8-Bit Microcontroller
MSM65516 OKI-MSM65516 Datasheet
201Kb / 23P
High performance 8-Bit Microcontroller
logo
International Rectifier
TS80C51RA2 IRF-TS80C51RA2_06 Datasheet
805Kb / 85P
High Performance 8-bit Microcontroller
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2_02 Datasheet
1Mb / 83P
High Performance 8-bit Microcontroller
TS80C51RA2 ATMEL-TS80C51RA2_08 Datasheet
995Kb / 86P
High Performance 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com