Electronic Components Datasheet Search
  English  ▼

X  

MSM64153AL Datasheet(PDF) 22 Page - OKI electronic componets

Part # MSM64153AL
Description  4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64153AL Datasheet(HTML) 22 Page - OKI electronic componets

Back Button MSM64153AL Datasheet HTML 17Page - OKI electronic componets MSM64153AL Datasheet HTML 18Page - OKI electronic componets MSM64153AL Datasheet HTML 19Page - OKI electronic componets MSM64153AL Datasheet HTML 20Page - OKI electronic componets MSM64153AL Datasheet HTML 21Page - OKI electronic componets MSM64153AL Datasheet HTML 22Page - OKI electronic componets MSM64153AL Datasheet HTML 23Page - OKI electronic componets MSM64153AL Datasheet HTML 24Page - OKI electronic componets MSM64153AL Datasheet HTML 25Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
22/25
¡ Semiconductor
MSM64153A/64153AL
Measuring circuit 1
Measuring circuit 1'
VDD
VSS2
VSS1
VSS3
A
V
V
V
Crystal
32.768 kHz
C12
OSC1
OSC0
C1
C2
Cb
Ca
VSSL
CL
Ca, Cb, C12, CL
CG
VDD
CG
: 0.1 mF
: 15 pF
MSM64153AL
VDD
VSS2
VSS1
VSS3
VSSL
Ca
V
V
A
V
Cb
CL
C12
C2
C1
OSC0
OSC1
ROS
Ca, Cb, C12, CL
ROS
: 0.1 mF
:1 MW
MSM64153AL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com