Electronic Components Datasheet Search
  English  ▼

X  

MSM64153AL Datasheet(PDF) 18 Page - OKI electronic componets

Part # MSM64153AL
Description  4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64153AL Datasheet(HTML) 18 Page - OKI electronic componets

Back Button MSM64153AL Datasheet HTML 14Page - OKI electronic componets MSM64153AL Datasheet HTML 15Page - OKI electronic componets MSM64153AL Datasheet HTML 16Page - OKI electronic componets MSM64153AL Datasheet HTML 17Page - OKI electronic componets MSM64153AL Datasheet HTML 18Page - OKI electronic componets MSM64153AL Datasheet HTML 19Page - OKI electronic componets MSM64153AL Datasheet HTML 20Page - OKI electronic componets MSM64153AL Datasheet HTML 21Page - OKI electronic componets MSM64153AL Datasheet HTML 22Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
18/25
¡ Semiconductor
MSM64153A/64153AL
ABSOLUTE MAXIMUM RATINGS
3.0 V Spec. (MSM64153AL)
Parameter
Symbol
Condition
Rating
Unit
VSS1
Ta = 25°C
–2.0 to +0.3
V
VSS2
Ta = 25°C
–4.0 to +0.3
V
VSS3
Ta = 25°C
–5.5 to +0.3
V
VSSL
Ta = 25°C
–4.0 to +0.3
V
VIN1
VSS2 input, Ta = 25°C
VSS2 – 0.3 to +0.3
V
VIN2
VSSL input,Ta = 25°C
VSSL – 0.3 to +0.3
V
VOUT1
VSS2 output,Ta = 25°C
VSS2 – 0.3 to +0.3
V
VOUT2
VSS3 output,Ta = 25°C
VSS3 – 0.3 to +0.3
V
VOUT3
VSSL output,Ta = 25°C
VSSL – 0.3 to +0.3
V
TSTG
—
–55 to +150
°C
Power Supply Voltage 1
Power Supply Voltage 2
Power Supply Voltage 3
Power Supply Voltage 4
Input Voltage 1
Input Voltage 2
Output Voltage 1
Output Voltage 2
Output Voltage 3
Storage Temperature
(VDD = 0 V)
RECOMMENDED OPERATING CONDITIONS
3.0 V Spec. (MSM64153AL)
Parameter
Symbol
Condition
Range
Unit
Top
—
–40 to +70
°C
VSS2
BUPF = "0"
–3.5 to –2.5
V
BUPF = "1"
–3.5 to –2.0
fXT
—
30 to 66
kHz
Operating Temperature
Operating Voltage
Crystal Oscillation Frequency
(VDD = 0 V)
ROS
—
1 M ±10%
W
External RC Oscillator Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com