Electronic Components Datasheet Search
  English  ▼

X  

MSM64153AL Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM64153AL
Description  4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64153AL Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM64153AL Datasheet HTML 2Page - OKI electronic componets MSM64153AL Datasheet HTML 3Page - OKI electronic componets MSM64153AL Datasheet HTML 4Page - OKI electronic componets MSM64153AL Datasheet HTML 5Page - OKI electronic componets MSM64153AL Datasheet HTML 6Page - OKI electronic componets MSM64153AL Datasheet HTML 7Page - OKI electronic componets MSM64153AL Datasheet HTML 8Page - OKI electronic componets MSM64153AL Datasheet HTML 9Page - OKI electronic componets MSM64153AL Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6/25
¡ Semiconductor
MSM64153A/64153AL
PIN DESCRIPTIONS
Basic Functions
Pad
—
Power
Supply
Pin
Digital supply voltage (0 V)
Description
Type
37
Function
Oscillation
Test
RESET
45
20
19
18
17
16
10
16
15
14
13
12
7
—
—
—
—
—
—
Digital negative power supply (1.5 V spec.)
Bias output for LCD driver (3.0 V spec.)
Digital negative power supply (3.0 V spec.)
Bias output for LCD driver (1.5 V spec.)
Bias output for LCD driver (–4.5 V)
For connection to capacitors that generate bias for the
LCD driver
Negative power supply voltage pin for internal logic
(An internally generated constant voltage is present at this pin.)
Clock oscillation pins:
Either a crystal (32.768 kHz) and a capacitor (10 to 30 pF)
are connected to these pins or a resistor (1 MW) is.
25
26
20
21
I
O
24
23
21
19
18
17
I
I
I
Input pins for test
39
32
I
System reset input pin :
Setting this pin to "H" level puts this device into a reset state.
Then, setting this pin to "L" level starts executing an
instruction from address 0000H.
This pin is internally connected to VSS1 or VSS2 through a
pull-down resistor.
Symbol
VDD
VSS1
VSS2
VSS3
C1
C2
VSSL
OSCO
OSC1
TST1
TST2
TST3
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com