Electronic Components Datasheet Search
  English  ▼

X  

MSM64162A Datasheet(PDF) 21 Page - OKI electronic componets

Part # MSM64162A
Description  4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64162A Datasheet(HTML) 21 Page - OKI electronic componets

Back Button MSM64162A Datasheet HTML 17Page - OKI electronic componets MSM64162A Datasheet HTML 18Page - OKI electronic componets MSM64162A Datasheet HTML 19Page - OKI electronic componets MSM64162A Datasheet HTML 20Page - OKI electronic componets MSM64162A Datasheet HTML 21Page - OKI electronic componets MSM64162A Datasheet HTML 22Page - OKI electronic componets MSM64162A Datasheet HTML 23Page - OKI electronic componets MSM64162A Datasheet HTML 24Page - OKI electronic componets MSM64162A Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
21/40
¡ Semiconductor
MSM64162A
A/D Converter Characteristics
*
Kfx is the ratio of the oscillation frequency by a sensor resistor to the oscillation frequency
by a reference resistor in the same condition.
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Measur-
ing
Circuit
Resistor
for Oscillation
CS0, CT0, CS1
≥ 740 pF
2.0
k
W
Input Current
Limiting Resistor
Oscillation
Frequency
RS•RT Oscillation
Frequency Ratio (*)
RI0, RI1
fOSC1
fOSC2
fOSC3
Kf1
Kf2
Kf3
Resistor for oscillation = 2 k
W
Resistor for oscillation = 10 k
W
Resistor for oscillation = 200 k
W
RT0, RT0-1, RT1 = 2 k
W
RT0, RT0-1, RT1 = 10 k
W
RT0, RT0-1, RT1 = 200 k
W
1.0
165
41.8
2.55
3.89
0.990
0.0561
10
221
52.2
3.04
4.18
1.0
0.0584
256
60.6
3.53
4.35
1.010
0.0637
k
W
kHz
kHz
5
RS0, RS1,
RT0,
RT0-1,
RT1
—
kHz
—
—
—
—
——
(VDD = 0 V, VSS = VSS1 = –1.5 V, Ta = –40 to +85°C unless otherwise specified)
Kfx =
fOSCX (RS0–CS0 Oscillation)
fOSCX (RT0–CS0 Oscillation)
(x = 1, 2, 3)
fOSCX (RT0-1–CS0 Oscillation)
fOSCX (RS0–CS0 Oscillation)
fOSCX (RT1–CS1 Oscillation)
fOSCX (RS1–CS1 Oscillation)
,,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com