Electronic Components Datasheet Search
  English  ▼

X  

MSM64162A Datasheet(PDF) 39 Page - OKI electronic componets

Part # MSM64162A
Description  4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64162A Datasheet(HTML) 39 Page - OKI electronic componets

Back Button MSM64162A Datasheet HTML 32Page - OKI electronic componets MSM64162A Datasheet HTML 33Page - OKI electronic componets MSM64162A Datasheet HTML 34Page - OKI electronic componets MSM64162A Datasheet HTML 35Page - OKI electronic componets MSM64162A Datasheet HTML 36Page - OKI electronic componets MSM64162A Datasheet HTML 37Page - OKI electronic componets MSM64162A Datasheet HTML 38Page - OKI electronic componets MSM64162A Datasheet HTML 39Page - OKI electronic componets MSM64162A Datasheet HTML 40Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
RT1 RS1 CS1 RI1
L23
L0
OSC2
OSC1
XT
XT
RESET
P1.0
P1.1
P1.2
P1.3
P0.0
P0.1
P0.2
P0.3
TST1
TST2
VSSL
VSS1
VSS2
VSS3
C1
C2
VDD
3 V
C2
C12
Cc
Ca
Cl
ROS
Crystal
32.768 kHz
CGEX
RI0
RT0
RBLD
Buzzer
OSC monitor
MSM64162A-xxx
(3.0 V spec.)
L C
D
CS0
RS0
• Temperature
measurement
by two thermistors
• Battery check
circuit is used
• CGEX of crystal
oscillator : External
Switch matrix (4
¥ 4)
VSS
Cb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com