Electronic Components Datasheet Search
  English  ▼

X  

MSM64162A Datasheet(PDF) 3 Page - OKI electronic componets

Part # MSM64162A
Description  4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64162A Datasheet(HTML) 3 Page - OKI electronic componets

  MSM64162A Datasheet HTML 1Page - OKI electronic componets MSM64162A Datasheet HTML 2Page - OKI electronic componets MSM64162A Datasheet HTML 3Page - OKI electronic componets MSM64162A Datasheet HTML 4Page - OKI electronic componets MSM64162A Datasheet HTML 5Page - OKI electronic componets MSM64162A Datasheet HTML 6Page - OKI electronic componets MSM64162A Datasheet HTML 7Page - OKI electronic componets MSM64162A Datasheet HTML 8Page - OKI electronic componets MSM64162A Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
3/40
¡ Semiconductor
MSM64162A
BLOCK DIAGRAM
TR2
TR0
PCM
C
ALU
BA
H
L
XY
ROM
2016B
RAM
128N
(8)
INT
ADC
BD
ROMR
SP
TIMING
CONTROLLER
VR
2CLK
(4)
PCL
PCH
TR1
A11 to A8
DB7 to DB0
(8)
VSSL
XT
XT
OSC1
OSC2
(4)
(4)
A7 to A0
INTC
P3.3
P3.2
P3.1
P3.0
PORT3
INT
WDT
P2.3
P2.2
P2.1
P2.0
PORT2
INT
INT
BC
P1.3
P1.2
P1.1
P1.0
PORT1
P0.3
P0.2
P0.1
P0.0
PORT0
INT
CAPR
PORT ADDRESS
DB7 to DB0
TBC
INT
5
BIAS
VSS1
RSTG
RESET
TST
TST1
TST2
LCD
L1
L0
L23
VSS2
VSS3
C1
C2
VDD
VSS
BSR
HALT
MIEF
CPU CORE: nX-4/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com