Electronic Components Datasheet Search
  English  ▼

X  

HCMS-2913 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HCMS-2913
Description  High Performance CMOS 5 x 7 Alphanumeric Displays
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCMS-2913 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCMS-2913 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCMS-2913 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCMS-2913 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCMS-2913 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCMS-2913 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCMS-2913 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCMS-2913 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCMS-2913 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCMS-2913 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Optical Characteristics at 25
°C[1]
VLED = 5.0 V, 50% Peak Current, 100% Pulse Width
Luminous Intensity
Peak
Dominant
per LED[2]
Wavelength
Wavelength
Character Average (
µcd)
λλλλλ
Peak (nm)
λλλλλ
d
[3] (nm)
Display Color
Part Number
Min.
Typ.
Typ.
Typ.
AlGaAs Red
HCMS-
29X5
95
230
645
637
High Efficiency Red
HCMS-
29X2
29
64
635
626
Orange
HCMS-
29X4
29
64
600
602
Yellow
HCMS-
29X1
29
64
583
585
Green
HCMS-
29X3
57
114
568
574
Notes:
1. Refers to the initial case temperature of the device immediately prior to measurement.
2. Measured with all LEDs illuminated.
3. Dominant wavelength,
λ
d, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the
perceived LED color.
Electrical Description
Pin Function
Description
RESET (RST)
Sets Control Register bits to logic low. The Dot Register contents are
unaffected by the Reset pin. (logic low = reset; logic high = normal
operation).
DATA IN (D
IN)
Serial Data input for Dot or Control Register data. Data is entered on the
rising edge of the Clock input.
DATA OUT (D
OUT)
Serial Data output for Dot or Control Register data. This pin is used for
cascading multiple displays.
CLOCK (CLK)
Clock input for writing Dot or Control Register data. When Chip Enable is
logic low, data is entered on the rising Clock edge.
REGISTER SELECT (RS)
Selects Dot Register (RS = logic low) or Control Register (RS = logic high)
as the destination for serial data entry. The logic level of RS is latched on
the falling edge of the Chip Enable input.
CHIP ENABLE (CE)
This input must be a logic low to write data to the display. When CE
returns to logic high and CLK is logic low, data is latched to either the LED
output drivers or a Control Register.
OSCILLATOR SELECT
Selects either an internal or external display oscillator source.
(SEL)
(logic low = External Display Oscillator; logic high = Internal Display
Oscillator).
OSCILLATOR (OSC)
Output for the Internal Display Oscillator (SEL = logic high) or input for an
External Display Oscillator (SEL = logic low).
BLANK (BL)
Blanks the display when logic high. May be modulated for brightness
control.
GND
LED
Ground for LED drivers.
GND
LOGIC
Ground for logic.
V
LED
Positive supply for LED drivers.
V
LOGIC
Positive supply for logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com