Electronic Components Datasheet Search
  English  ▼

X  

HCMS-2913 Datasheet(PDF) 12 Page - Agilent(Hewlett-Packard)

Part # HCMS-2913
Description  High Performance CMOS 5 x 7 Alphanumeric Displays
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCMS-2913 Datasheet(HTML) 12 Page - Agilent(Hewlett-Packard)

Back Button HCMS-2913 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCMS-2913 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCMS-2913 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCMS-2913 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCMS-2913 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCMS-2913 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCMS-2913 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCMS-2913 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCMS-2913 Datasheet HTML 16Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
↑
Bit D
7
On-Time
Duty
Relative
Set Low
PWM Brightness
Oscillator
Factor
Brightness
to Select
Control
Cycles
(%)
(%)
Control
Word 0
LLLL
0
0
0
L
L
L
H
1
0.2
1.7
L
L
H
L
2
0.4
3.3
L
L
H
H
3
0.6
5.0
L
H
L
L
4
0.8
6.7
L
H
L
H
5
1.0
8.3
L
H
H
L
7
1.4
11.7
L
HHH
9
1.8
15
H
L
L
L
11
2.1
18
H
L
L
H
14
2.7
23
HLHL
18
3.5
30
H
L
H
H
22
4.3
37
H
H
L
L
28
5.5
47
H
H
L
H
36
7.0
60
HHH
L
48
9.4
80
HHHH
60
11.7
100
Table 2. Control Shift Register
CONTROL WORD 0
LD
6
D
5
D
4
D
3
D
2
D
1
D
0
Peak Current
Typical Peak
Relative Full
Brightness
Pixel Current
Scale Current
Control
(mA)
(Relative Brightness, %)
H
L
4.0
31
L
H
6.4
50
L
L
9.3
73 (Default at Power Up)
H
H
12.8
100
SLEEP MODE
L – DISABLES INTERNAL OSCILLATOR-DISPLAY BLANK
H – NORMAL OPERATION
Serial/Simultaneous Data Out
L – D
out holds contents of Bit D7
H – D
out is functionally tied to Din
External Display Oscillator Prescaler
L – Oscillator Freq
÷ 1
H – Oscillator Freq
÷ 8
↑
Bit D
7
Set High
to Select
Control
Word 1
Reserved for Future
Use (Bits D
2-D6
must be set Low)
CONTROL WORD 1
H
LLLLL
D
1
D
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com