Electronic Components Datasheet Search
  English  ▼

X  

HCMS-2913 Datasheet(PDF) 14 Page - Agilent(Hewlett-Packard)

Part # HCMS-2913
Description  High Performance CMOS 5 x 7 Alphanumeric Displays
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCMS-2913 Datasheet(HTML) 14 Page - Agilent(Hewlett-Packard)

Back Button HCMS-2913 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCMS-2913 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCMS-2913 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCMS-2913 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCMS-2913 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCMS-2913 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCMS-2913 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCMS-2913 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCMS-2913 Datasheet HTML 16Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
P
D can be calculated as Equation
2 below.
Figure 4 shows how to derate the
power of one IC versus ambient
temperature. Operation at high
ambient temperatures may
require the power per IC to be
reduced. The power consumption
can be reduced by changing
either the N, I
PIXEL, Osc cyc or
V
LED. Changing VLOGIC has very
little impact on the power
consumption.
Appendix A. Thermal
Considerations
The display IC has a maximum
junction temperature of 150
°C.
The IC junction temperature can
be calculated with Equation 1
below.
A typical value for R
θ
JA is 100°C/
W. This value is typical for a
display mounted in a socket and
covered with a plastic filter. The
socket is soldered to a .062 in.
thick PCB with .020 inch wide,
one ounce copper traces.
Equation 1:
T
JMAX = TA + PD * RθJA
Where:
T
JMAX = maximum IC junction temperature
T
A = ambient temperature surrounding the display
R
θ
JA = thermal resistance from the IC junction to ambient
P
D = power dissipated by the IC
Equation 2:
P
D = (N * IPIXEL * Duty Factor * VLED) + ILOGIC * VLOGIC
Where:
P
D = total power dissipation
N = number of pixels on (maximum 4 char * 5 * 7 = 140)
I
PIXEL = peak pixel current.
Duty Factor = 1/8 * Osccyc/64
Osc cyc = number of ON oscillator cycles per row
I
LOGIC = IC logic current
V
LOGIC = logic supply voltage
Equation 3:
I
PEAK = M * 20 * IPIXEL
Where:
I
PEAK = maximum instantaneous peak current for the display
M = number of ICs in the system
20 = maximum number of LEDs on per IC
I
PIXEL = peak current for one LED
Equation 4:
I
LED(AVG) = N * IPIXEL * 1/8 * (oscillator cycles)/64
(see Variable Definitions above)
Appendix B. Electrical
Considerations
Current Calculations
The peak and average display
current requirements have a
significant impact on power
supply selection. The maximum
peak current is calculated with
Equation 3 below.
The average current required by
the display can be calculated with
Equation 4 below.
The power supply has to be able
to supply I
PEAK transients and
supply I
LED(AVG) continuously.
The range on V
LED allows noise on
this supply without significantly
changing the display brightness.
V
LOGIC and VLED Considerations
The display uses two independent
electrical systems. One system is
used to power the display’s logic
and the other to power the
display’s LEDs. These two
systems keep the logic supply
clean.
Separate electrical systems allow
the voltage applied to V
LED and
V
LOGIC to be varied independently.
Thus, V
LED can vary from 0 to 5.5
V without affecting either the Dot
or the Control Registers. V
LED can
0
25
T
– AMBIENT TEMPERATURE – °C
A
0.7
0.6
0.5
0.4
0.3
0.2
0.1
60
55
50
45
40
35
30
0.8
0.9
1.0
1.1
1.2
85
80
75
70
65
R
= 100°C/W
J-A
θθθθ
90
1.3
Figure 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com