Electronic Components Datasheet Search
  English  ▼

X  

MSM64P155 Datasheet(PDF) 19 Page - OKI electronic componets

Part # MSM64P155
Description  4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64P155 Datasheet(HTML) 19 Page - OKI electronic componets

Back Button MSM64P155 Datasheet HTML 15Page - OKI electronic componets MSM64P155 Datasheet HTML 16Page - OKI electronic componets MSM64P155 Datasheet HTML 17Page - OKI electronic componets MSM64P155 Datasheet HTML 18Page - OKI electronic componets MSM64P155 Datasheet HTML 19Page - OKI electronic componets MSM64P155 Datasheet HTML 20Page - OKI electronic componets MSM64P155 Datasheet HTML 21Page - OKI electronic componets MSM64P155 Datasheet HTML 22Page - OKI electronic componets MSM64P155 Datasheet HTML 23Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
MSM64P155/64P155L
¡ Semiconductor
19/29
ELECTRICAL CHARACTERISTICS
DC Characteristics
DC Characteristics (32.768 kHz Crystal Oscillation)
Parameter
Symbol
Condition
Measuring
Circuit
Supply Current 1
IDD1
1.0
(VSS = 0 V, VDD2 = 3.0 V, Ta = 0 to +65°C unless otherwise specified)
Unit
Max.
Typ.
Min.
5.0
mA
CPU in the HALT mode
Supply Current 2
IDD2
35
50
CPU in the operating mode
mA
1a
—
—
DC Characteristics (RC Oscillation)
Parameter
Symbol
Condition
Measuring
Circuit
Supply Current 1
IDD1
3.0
(VSS = 0 V, VDD2 = 3.0 V, Ta = 0 to +65°C unless otherwise specified)
Unit
Max.
Typ.
Min.
15
mA
CPU in the HALT mode
Supply Current 2
IDD2
50
100
CPU in the operating mode
mA
1b
—
—
Parameter
Symbol
Condition
Measuring
Circuit
VDD1 Voltage
VDD1
1.5
(VSS = 0 V, VDD2 = 3.0 V, Ta = 0 to +65°C unless otherwise specified)
Unit
Max.
Typ.
Min.
1.3
1.7
V
Ca = 1 mF Cb, C12 = 0.1 mF
VDD3 Voltage
VDD3
4.5
4.3
4.7
V
Ca = 1 mF Cb, C12 = 0.1 mF
Crystal Oscillation Start Voltage
VSTA
—V
Oscillation start time:
within 5 seconds
Crystal Oscillation Hold Voltage
VHOLD
—V
External Crystal Oscillator
Capacitance
CG
10
30
pF
Internal Crystal Oscillator
Capacitance
CD
15
10
20
pF
—
—
—
—
—
—
2.7
2.7
1a
RC Oscillation Frequency
fCR
40
15
75
kHz
ROS = 1 MW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com