Electronic Components Datasheet Search
  English  ▼

X  

MSM64P155 Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM64P155
Description  4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64P155 Datasheet(HTML) 2 Page - OKI electronic componets

  MSM64P155 Datasheet HTML 1Page - OKI electronic componets MSM64P155 Datasheet HTML 2Page - OKI electronic componets MSM64P155 Datasheet HTML 3Page - OKI electronic componets MSM64P155 Datasheet HTML 4Page - OKI electronic componets MSM64P155 Datasheet HTML 5Page - OKI electronic componets MSM64P155 Datasheet HTML 6Page - OKI electronic componets MSM64P155 Datasheet HTML 7Page - OKI electronic componets MSM64P155 Datasheet HTML 8Page - OKI electronic componets MSM64P155 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
MSM64P155/64P155L
¡ Semiconductor
2/29
• Interrupt sources
: 10 sources
External 4, time base 4, melody 2
(When TST3 = "1", six time base sources)
• Clock generation circuit (mask option) : Crystal/RC oscillation
• Package:
100-pin plastic QFP (QFP100-P-1420-0.65-BK)
Product name :
MSM64P155-001GS-BK (crystal oscillation, 1.5 V, blanked PROM)
MSM64P155L-002GS-BK (crystal oscillation, 3.0 V, blanked PROM)
MSM64P155-003GS-BK (RC oscillation, 1.5 V, blanked PROM)
MSM64P155L-004GS-BK (RC oscillation, 3.0 V, blanked PROM)
MSM64P155-xxxGS-BK (crystal/RC oscillation, 1.5 V, written PROM)
MSM64P155L-xxxGS-BK (crystal/RC oscillation, 3.0 V, written PROM)
xxx indicates a code number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com