Electronic Components Datasheet Search
  English  ▼

X  

MSM64P155 Datasheet(PDF) 3 Page - OKI electronic componets

Part # MSM64P155
Description  4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64P155 Datasheet(HTML) 3 Page - OKI electronic componets

  MSM64P155 Datasheet HTML 1Page - OKI electronic componets MSM64P155 Datasheet HTML 2Page - OKI electronic componets MSM64P155 Datasheet HTML 3Page - OKI electronic componets MSM64P155 Datasheet HTML 4Page - OKI electronic componets MSM64P155 Datasheet HTML 5Page - OKI electronic componets MSM64P155 Datasheet HTML 6Page - OKI electronic componets MSM64P155 Datasheet HTML 7Page - OKI electronic componets MSM64P155 Datasheet HTML 8Page - OKI electronic componets MSM64P155 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
MSM64P155/64P155L
¡ Semiconductor
3/29
BLOCK DIAGRAM
TR2
TR0
TR1
PCH
PCM PCL
C
BA
HL
XY
ALU
ROM
4064B
BIAS
RAM
256N
INTC
ROMR
SP
TIMING
CONTROLLER
CLK
RST
TST
BUP
CAPR
PORT2
EVENT
PORT3
PORT4
PORT6
PORT7
TBC
LCD
MD0
MD1
A7 to A0
A8 to A11
DB7 to DB0
COM1
COM2
COM3
COM4
SEG0
SEG59
MD0
MD0
MD1
MD1
INT
INT
(8)
(8)
DB7 to DB0
OSC0
OSC1
RESET
TST1
TST2
TST3
VSS
4
INT
INT
INT
INT
INT
is the CPU core (nx-4/20).
PORT ADDRESS
(4)
(4)
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com