Electronic Components Datasheet Search
  English  ▼

X  

MSM6595 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM6595
Description  1-Mbit Serial Voice ROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6595 Datasheet(HTML) 4 Page - OKI electronic componets

  MSM6595 Datasheet HTML 1Page - OKI electronic componets MSM6595 Datasheet HTML 2Page - OKI electronic componets MSM6595 Datasheet HTML 3Page - OKI electronic componets MSM6595 Datasheet HTML 4Page - OKI electronic componets MSM6595 Datasheet HTML 5Page - OKI electronic componets MSM6595 Datasheet HTML 6Page - OKI electronic componets MSM6595 Datasheet HTML 7Page - OKI electronic componets MSM6595 Datasheet HTML 8Page - OKI electronic componets MSM6595 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4/12
¡ Semiconductor
MSM6595A-xxx
PIN DESCRIPTIONS
Type
Description
—
Power supply pin. Insert a bypass capacitor of 0.1 mF or more between this
pin and the GND pin.
—
Ground pin
I
(SERIAL ADDRESS) This pin inputs the starting X address of a read operation.
Addressing in units of 1024 words is possible. The 1024-word address data
can be input as 10-bit (AX0 - AX9) serial data via the SADX pin.
I
I
(SERIAL ADDRESS STROBE) This is the clock input pin which is used to store
the serial address data of the X address into the device's internal register.
(SERIAL ADDRESS STROBE) This is the clock input pin to store the serial
address data of the Y address into the device's internal register.
I
(ADDRESS TRANSFER STROBE) This is the input pin for loading the serial
address data into the internal address counter.
The X and Y addresses are stored at the falling edge of TAS.
Symbol
VDD
GND
SADX
SADY
SASX
TAS
(SERIAL ADDRESS) This pin inputs the starting Y address of a read operation.
Addressing in units of 1024 words is possible. The 1024-word address data
can be input as 10-bit (AY0 - AY9) serial data via the SADY pin.
I
SASY
I
(READ CLOCK) This is the clock input pin for reading information out of the data
register. Internal operation starts at the falling edge of RDCK. The information
in the data register is output on the DOUT pin. The internal address counter is
automatically incremented at the falling edge of RDCK.
RDCK
O
(DATA OUT) The data output pin is always kept in a high-impedance state when
RDCK or CS is kept at "H". This pin reflects the "H" or "L" level data being read,
and the current data is held until RDCK is asserted High.
DOUT
I
(CHIP SELECT) Setting this pin to "H" disables all input and output pins. This pin
enables parallel use of multiple serial voice ROMs by connecting the data output pins.
CS
I
Pins for testing. Apply a "L" level to the TEST pin and "H" level to the TEST pin.
O
Pins for testing. Leave these pins open.
SSOP
15
30
12
1
13
14
2
18
28
5
16
27
DIP
9
18
6
1
7
8
2
13
17
4
10
16
SOP
12
24
9
1
10
11
2
15
22
4
13
21
QFJ
9
18
6
1
7
8
2
13
17
4
10
16
3
3
3
3
17
11
14
11
TEST
TESTO1
TEST
TESTO2
Pin
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Power Supply Voltage
VDD
Ta = 25°C
–0.3 to +7.0
V
Input Voltage
VIN
Ta = 25°C
–0.3 to VDD+0.3
V
Storage Temperature
TSTG
—
–55 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com