Electronic Components Datasheet Search
  English  ▼

X  

MSM6595 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM6595
Description  1-Mbit Serial Voice ROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6595 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM6595 Datasheet HTML 4Page - OKI electronic componets MSM6595 Datasheet HTML 5Page - OKI electronic componets MSM6595 Datasheet HTML 6Page - OKI electronic componets MSM6595 Datasheet HTML 7Page - OKI electronic componets MSM6595 Datasheet HTML 8Page - OKI electronic componets MSM6595 Datasheet HTML 9Page - OKI electronic componets MSM6595 Datasheet HTML 10Page - OKI electronic componets MSM6595 Datasheet HTML 11Page - OKI electronic componets MSM6595 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8/12
¡ Semiconductor
MSM6595A-xxx
APPLICATION CIRCUIT
MSM6588 Playback Storage Example
DVDD DVDD' AVDD
D3
D2
D1
D0
RD
WR
CE
MCUM
TEST
RSEL1
RSEL2
TEST
TEST
TEST
TEST
RESET
MIN
MOUT
LIN
LOUT
AMON
FIN
FOUT
ADIN
SG
SAD
SAS
TAS
RWCK
WE
DIN
DOUT
AU/D
TEST
TEST
TEST
TEST
TEST
SAD
SAS
TAS
RWCK
WE
DI/O
CS1
CS2
CS3
CS4
MON
XT
XT
AOUT
DGND
AGND
VDD
GND
CS
SADX
SASX
TAS
RDCK
DOUT
SASY
SADY
TEST
TEST
VDD
VDD
GND
GND
CS
4.096 MHz
CS
DGND
AGND
AVDD
+
+
+
Speaker amplifier
Note: When the MSM6595A is driven by the MSM6388 or MSM6588, a serial register is required.
(The MSM6595A does not operate without it.) The MSM6389 is being used as the serial
register in the above example.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com