Electronic Components Datasheet Search
  English  ▼

X  

MSM6595 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM6595
Description  1-Mbit Serial Voice ROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6595 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM6595 Datasheet HTML 1Page - OKI electronic componets MSM6595 Datasheet HTML 2Page - OKI electronic componets MSM6595 Datasheet HTML 3Page - OKI electronic componets MSM6595 Datasheet HTML 4Page - OKI electronic componets MSM6595 Datasheet HTML 5Page - OKI electronic componets MSM6595 Datasheet HTML 6Page - OKI electronic componets MSM6595 Datasheet HTML 7Page - OKI electronic componets MSM6595 Datasheet HTML 8Page - OKI electronic componets MSM6595 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/12
¡ Semiconductor
MSM6595A-xxx
¡ Semiconductor
MSM6595A-xxx
1-Mbit Serial Voice ROM
GENERAL DESCRIPTION
The MSM6595A is a MSM6595 short TAT process version.
The MSM6595A is a serial voice ROM with a 1,048,576-word ¥ 1-bit configuration.
The MSM6595A has a built-in internal address-generating circuit. A single, external clock input
allows continuous, serial read operations. The internal addresses are automatically incremented by
1 by read operation. 1024 words in X direction and 1024 words in Y direction can be addressed by
inputting external serial addresses. A read and playback device with predetermined messages can
easily be configured by storing voice data into the MSM6595A and by combining it with one of Oki's
recording and playback ICs and a serial register IC.
A serial register is required to drive the MSM6595A by the MSM6388 or MSM6588. (The MSM6595A
does not operate without a serial register.)
The major differences between the MSM6595A and MSM6595 are shown below.
MSM6595A DC Characteristics
Parameter
Symbol
Condition
Min
Max
Unit
VDD = 2.7 to 5.5 V, Ta = –40 to +85°C
Current consumption (1)
IDD
tRDC = 2.5 ms
—
20
mA
Current consumption (2)
IDS
CS =
VDD–0.2 V
Ta = –40
to +70°C
10
mA
Typ
9
—
Ta = –40
to +85°C
50
—
—
—
Typical values are at VDD = 5.0 V, Ta = 25°C.
Parameter
Symbol
Condition
Min
Max
Unit
Current consumption (1)
IDD
tRDC = 2.5 ms
—
15
mA
Typ
—
Current consumption (2)
IDS
CS = VDD–0.2 V
—
10
mA
—
VDD = 3.5 to 5.5 V, Ta = –40 to +85°C
MSM6595 DC Characteristics
FEATURES
• Configuration
:
1,048,576 words ¥ 1 bit
• Serial access
:
Read cycle time of 2.5 ms
• Shorter-TAT processing
• Power-supply voltage
:
2.7 to 5.5 V
• Package options :
18-pin plastic QFJ (QFJ18-P-R290-1.27)
(Product Name : MSM6595A-xxxJS)
24-pin plastic SOP (SOP24-P-430-1.27-K)
(Product Name : MSM6595A-xxxGS-K)
18-pin plastic DIP (DIP18-P-300-2.54)
(Product name : MSM6595A-xxxRS)
30-pin plastic SSOP (SSOP30-P-56-0.65-K)
(Product name : MSM6595A-xxxGS-AK)
xxx indicates the code number
E2D0038-39-21
This version: Feb. 1999
Previous version: May. 1997


Similar Part No. - MSM6595

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6596A OKI-MSM6596A Datasheet
170Kb / 13P
2-Mbit Serial Voice ROM
MSM6596A-XXX OKI-MSM6596A-XXX Datasheet
170Kb / 13P
2-Mbit Serial Voice ROM
MSM6597A OKI-MSM6597A Datasheet
140Kb / 10P
3-Mbit Serial Voice ROM
MSM6597A-XXX OKI-MSM6597A-XXX Datasheet
140Kb / 10P
3-Mbit Serial Voice ROM
MSM6599 OKI-MSM6599 Datasheet
130Kb / 11P
80-DOT SEGMENT DRIVER
More results

Similar Description - MSM6595

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSS0271 MOSEL-MSS0271 Datasheet
62Kb / 12P
2.7 VOICE ROM
MSS0287 MOSEL-MSS0287 Datasheet
83Kb / 5P
VOICE ROM
MSS0306-1 MOSEL-MSS0306-1 Datasheet
167Kb / 19P
3 VOICE ROM
MSS0605 MOSEL-MSS0605 Datasheet
152Kb / 7P
VOICE ROM
MSS1506 MOSEL-MSS1506 Datasheet
142Kb / 8P
VOICE ROM
MSS2105 MOSEL-MSS2105 Datasheet
7Kb / 1P
21 Voice ROM
MSS3205 MOSEL-MSS3205 Datasheet
8Kb / 1P
32 Voice ROM
logo
OKI electronic componet...
MSM6596A OKI-MSM6596A Datasheet
170Kb / 13P
2-Mbit Serial Voice ROM
MSM6597A OKI-MSM6597A Datasheet
140Kb / 10P
3-Mbit Serial Voice ROM
logo
Silicon Storage Technol...
SST30VR041 SST-SST30VR041 Datasheet
99Kb / 10P
4 Mbit ROM 1 Mbit / 256 Kbit SRAM ROM/RAM Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com